Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRISMPS3 Datasheet(PDF) 8 Page - International Rectifier

Part # IRISMPS3
Description  International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS3 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRISMPS3 Datasheet HTML 4Page - International Rectifier IRISMPS3 Datasheet HTML 5Page - International Rectifier IRISMPS3 Datasheet HTML 6Page - International Rectifier IRISMPS3 Datasheet HTML 7Page - International Rectifier IRISMPS3 Datasheet HTML 8Page - International Rectifier IRISMPS3 Datasheet HTML 9Page - International Rectifier IRISMPS3 Datasheet HTML 10Page - International Rectifier IRISMPS3 Datasheet HTML 11Page - International Rectifier IRISMPS3 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.irf.com
IRISMPS3
Fig 7) shows the same details as in fig 6), but at 230VAC input, in this case you can see the on time is even
shorter as it takes very little time to get the energy required into the transformer. Again the circuit is operating in
PRC mode with an input power of 825mW which again meets the Energystar and Blue Angel requirements for
no load standby power.
Fig 8)Drain (D) voltage of IRIS4013K (CH1)/Vcc Voltage (CH2)/ FB pin voltage (CH3)/Load Current (CH4)
at 120VAC in/no load output
Fig 8) shows the circuit changing from Quasi-resonant mode to PRC mode due to a load change. The load
change can be seen by the drop on CH4, as this occurs we see the quasi-resonant info on the FB pin (CH3)
disappear after a short time due to the drop in voltage at the bias winding. This is a result of a high feedback
current from the opto ISO1 as the output voltage tries to go higher to compensate for the drop in load current. At
this point we see the feedback level is high enough to stop the drain from switching as can be seen by the flat
part of the waveform on CH1. Eventually the circuit stabilizes and the circuit starts operating again in the PRC
mode with a reduced Vcc and no quasi-resonant info on the FB pin.
Efficiency
In this section we will show the efficiency of the circuit under various conditions. Fig 9) shows a graph of the
efficiency vs AC input voltage for a full load output. This shows the efficiency well above the 85% level for most
of the input range.
Fig 10) shows the efficiency vs load current for various input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com