Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1671 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1671
Description  Multiple Output LoadSHARE PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1671 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1671 Datasheet HTML 1Page - Microsemi Corporation LX1671 Datasheet HTML 2Page - Microsemi Corporation LX1671 Datasheet HTML 3Page - Microsemi Corporation LX1671 Datasheet HTML 4Page - Microsemi Corporation LX1671 Datasheet HTML 5Page - Microsemi Corporation LX1671 Datasheet HTML 6Page - Microsemi Corporation LX1671 Datasheet HTML 7Page - Microsemi Corporation LX1671 Datasheet HTML 8Page - Microsemi Corporation LX1671 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Microsemi
Integrated Products, Power Management
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.0a, 2004-06-14
LX1671
Multiple Output LoadSHARE™ PWM
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) DC................................................................-0.3V to 5.5V
Supply Voltage (VCC) Transient ......................................................-0.3V to 6.0V
Driver Supply Voltage (VC
x, V
CCL) DC ............................................-0.3V to 16V
Driver Supply Voltage (VC
x, V
CCL) Transient ...................................-0.3V to 18V
Current Sense Inputs (VSX, CSX) ....................................................... -0.3V to 12V
Error Amplifier Inputs (FBX, RF2, LDFB)........................................-0.3V to 5.5V
Input Voltage (SS/ENABLE, LDDIS)..................................................-0.3V to5.5V
Output Drive Peak Current Source (HOx, LOx)....................................1A (500ns)
Output Drive Peak Current Sink (HOx, LOx) .......................................1A (500ns)
Operating Junction Temperature.................................................................. 150°C
Storage Temperature Range...........................................................-65°C to 150°C
Lead Temperature (Soldering 180 seconds) ................................................ 235°C
Note:
Exceeding these ratings could cause damage to the device. All voltages are
with respect to Ground. Currents are positive into, negative out of specified
terminal.
The limitation on transient time is thermal and is due to zener diodes on the
supply pins, application of maximum voltages will increase current into that
pin and increase package power dissipation..
x = Denotes Phase 1, 2, or 3
TH ERMAL DATA
PW
Plastic TSSOP 38-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
85
°C/W
LQ
Plastic MLP 38-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
35
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJC).
The θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
1
19
38
20
LO1
PG1
LO2
HO2
VC2
LDGD
LDFB
LDDIS
DGND
AGND
RSVD
SS2
RF2
FB2
EO2
CS2
VS2
SS1
FB1
EO1
CS1
VS1
SS3
FB3
EO3
CS3
VS3
VCC
VCCL
PG3
LO3
HO3
VC3
VC1
H01
N.C.
N.C.
N/U
PW PACKAGE
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
HO2
VC2
LDGD
LDFB
LDDIS
DGND
AGND
SS2
RF2
FB2
EO2
SS3
FB3
EO3
N.C.
CS3
VS3
N.C.
N.C.
VCC
VCCL
PG3
RSVD
LO3
Connect
Bottom
to Power
GND
LQ PACKAGE
(Top View)
N.C. – No Internal Connection
N/U – Not Used
RSVD – Do Not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com