Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2601 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MS2601
Description  NPN RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MS2601 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MS2601 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1.0 mA
45
V
BVCER
IC = 1.0 mA
45
V
BVEBO
IE = 1.0 mA
3.5
V
ICES
VCE = 30 V
0.5
mA
hFE
VCE = 5 V
IC = 100 mA
10
150
---
POUT
PG
ηηηη
C
VCC = 30 V
PIN = 0.3 W
f = 2700 to 3100 MHz
Pulse Width = 100
µS
Duty Cycle = 10%
1.0
5.2
27
W
dB
%
NPN RF POWER TRANSISTOR
MS2601
DESCRIPTION:
The
ASI MS2601 is Common Base
Device Designed for Pulsed S-Band
Radar Amplifier Applications up to 3.1
GHz.
FEATURES INCLUDE:
•••• Input/Output Matching
• Gold Metallization
•••• Emitter Ballasting
MAXIMUM RATINGS
IC
0.45 A
VCC
34 V
PDISS
11.5 W @ TC = 25 °C
TJ
-65 °C to+200 °C
TSTG
-65 °C to+200 °C
θθθθ
JC
13.0 °C/W
PACKAGE STYLE 400 x 400 2NL FLG
1 = COLLECTOR
2 & 4 = BASE
3 = EMITTER
1
2
4
3


Similar Part No. - MS2601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS260 ETC2-MS260 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS260 CADDOCK-MS260 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
logo
Advanced Semiconductor
MS2608 ASI-MS2608 Datasheet
79Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
More results

Similar Description - MS2601

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF220-50F ASI-HF220-50F Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
REV.A
MSC74520 ASI-MSC74520 Datasheet
181Kb / 1P
NPN RF POWER TRANSISTOR
TPM401 ASI-TPM401 Datasheet
25Kb / 1P
NPN RF POWER TRANSISTOR
ASAT35L ASI-ASAT35L Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
MSC74013 ASI-MSC74013 Datasheet
19Kb / 1P
NPN RF POWER TRANSISTOR
MSC74519 ASI-MSC74519 Datasheet
18Kb / 1P
NPN RF POWER TRANSISTOR
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
NPN RF POWER TRANSISTOR
AM1011-500 ASI-AM1011-500 Datasheet
41Kb / 1P
NPN RF POWER TRANSISTOR
AM82731-001 ASI-AM82731-001 Datasheet
65Kb / 1P
NPN RF POWER TRANSISTOR
MRF898 ASI-MRF898 Datasheet
38Kb / 1P
NPN RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com