Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3L500 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3L500
Description  3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L500 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3L500 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS8719A
03/02/05
PI3L500
3.3V, 8-Channel, 2:1 Mux/DeMux
Gigabit Ethernet LAN Switch w/Single Enable
DC Electrical Characteristics for 1000 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level (Control Pins)
2.0
–
–
V
VIL
Input LOW Voltage
Guaranteed LOW level (Control Pins)
–0.5
–
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
–
–
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
–
–
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.5V ≤ VIN ≤ VCC
IIN = –40mA
–
4.0
6.5
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.5V and VCC
IIN = –40mA
–
0.5
–
ΔRON
On-Resistance match from center
ports to any other port(4)
VCC = Min., 1.5V ≤ VIN ≤ VCC
IIN = –40mA
–
0.4
1.0
DC Electrical Characteristics for 10/100 Base-T Ethernet Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level (Control Pins)
2.0
–
–
V
VIL
Input LOW Voltage
Guaranteed LOW level (Control Pins)
–0.5
–
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
–
–
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
–
–
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.25V ≤ VIN ≤ VCC IIN =
–10mA to –30mA
–
4.0
6.5
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.25V and VCC IIN
= –10mA to –30mA
–
0.5
–
∆RON
On-Resistance match from cen-
ter ports to any other port(4)
VCC = Min., 1.25V ≤ VIN ≤ VCC IIN =
–10mA to –30mA
–
0.4
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com