Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRLML6401 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # IRLML6401
Description  P-Channel Enhancement MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IRLML6401 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  IRLML6401 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd IRLML6401 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd IRLML6401 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd IRLML6401 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd IRLML6401 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd IRLML6401 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-12
V
VDS=-12V, VGS=0V
-1
VDS=-9.6V, VGS=0V, TJ= 55℃
-25
Gate-Body leakage current
IGSS
VDS=0V, VGS=±8V
±
100 nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.4 -0.55 -0.95
V
VGS=-4.5V, ID=-4.3A
50
VGS=-2.5V, ID=-2.5A
85
VGS=-1.8V, ID=-2A
125
Forward Transconductance
gFS
VDS=-10V, ID=-4.3A
8.6
S
Input Capacitance
Ciss
830
Output Capacitance
Coss
180
Reverse Transfer Capacitance
Crss
125
Total Gate Charge
Qg
10
15
Gate Source Charge
Qgs
1.4
2.1
Gate Drain Charge
Qgd
2.6
3.9
Turn-On DelayTime
td(on)
11
Turn-On Rise Time
tr
32
Turn-Off DelayTime
td(off)
250
Turn-Off Fall Time
tf
210
Body Diode Reverse Recovery Time
trr
IF=-1.3A, dI/dt=-100A/μs
22
33
Body Diode Reverse Recovery Charge
Qrr
IF=-1.3A, dI/dt=-100A/μs
8
12
Nc
Maximum Body-Diode Continuous Current
IS
1.3
A
Diode Forward Voltage
VSD
IS=-1.3A,VGS=0V
-1.2
V
VGS=0V, VDS=-10V, f=1MHz
VGS=-5.0V, VDS=-10V, ID=-4.3A
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
ID=-1.0A, VDS=-6.0V, RL=6Ω,RGEN=89Ω
RDS(On)
Static Drain-Source On-Resistance
Marking
Marking
1F *
IRLML6401TRPBF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com