Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMC3-S Datasheet(PDF) 1 Page - CUI INC

Part # PRMC3-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC3-S Datasheet(HTML) 1 Page - CUI INC

  PRMC3-S Datasheet HTML 1Page - CUI INC PRMC3-S Datasheet HTML 2Page - CUI INC PRMC3-S Datasheet HTML 3Page - CUI INC PRMC3-S Datasheet HTML 4Page - CUI INC PRMC3-S Datasheet HTML 5Page - CUI INC PRMC3-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 05/05/2014
page 1 of 6
SERIES: PRMC3-S
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 6
FEATURES
• 3 W isolated output
• smaller package
• single/dual regulated outputs
• 3,000 Vdc isolation
• continuous short circuit protection
• temperature range (-40~105°C)
• efficiency up to 84%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PRMC3-D5-S5-S
5
4.5~9
5
25
500
2.5
100
73
PRMC3-D5-S9-S
5
4.5~9
9
14
278
2.5
100
74
PRMC3-D5-S12-S
5
4.5~9
12
10
208
2.5
100
77
PRMC3-D5-S15-S
5
4.5~9
15
8
167
2.5
100
74
PRMC3-D5-D5-S
5
4.5~9
±5
±13
±250
2.5
100
74
PRMC3-D5-D12-S
5
4.5~9
±12
±5
±104
2.5
100
77
PRMC3-D5-D15-S
5
4.5~9
±15
±4
±83
2.5
100
77
PRMC3-D12-S3-S
12
9~18
3.3
38
758
2.5
100
74
PRMC3-D12-S5-S
12
9~18
5
30
600
3
100
76
PRMC3-D12-S12-S
12
9~18
12
13
250
3
100
82
PRMC3-D12-S15-S
12
9~18
15
10
200
3
100
83
PRMC3-D12-D5-S
12
9~18
±5
±15
±300
3
100
78
PRMC3-D12-D12-S
12
9~18
±12
±6
±125
3
100
79
PRMC3-D12-D15-S
12
9~18
±15
±5
±100
3
100
80
PRMC3-D24-S3-S
24
18~36
3.3
38
758
2.5
100
74
PRMC3-D24-S5-S
24
18~36
5
30
600
3
100
81
PRMC3-D24-S9-S
24
18~36
9
17
333
3
100
83
PRMC3-D24-S12-S
24
18~36
12
13
250
3
100
83
PRMC3-D24-S15-S
24
18~36
15
10
200
3
100
83
PRMC3-D24-S24-S
24
18~36
24
6
125
3
100
83
PRMC3-D24-D5-S
24
18~36
±5
±15
±300
3
100
79
PRMC3-D24-D12-S
24
18~36
±12
±6
±125
3
100
83
PRMC3-D24-D15-S
24
18~36
±15
±5
±100
3
100
83
PRMC3-D48-S5-S
48
36~75
5
30
600
3
100
76
PRMC3-D48-S12-S
48
36~75
12
13
250
3
100
80
PRMC3-D48-S15-S
48
36~75
15
10
200
3
100
84
For more information, please visit the product page.


Similar Part No. - PRMC3-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRMC3-S CUI-PRMC3-S Datasheet
975Kb / 6P
DC-DC CONVERTER
11/15/2021
PRMC3-S CUI-PRMC3-S_V01 Datasheet
975Kb / 6P
DC-DC CONVERTER
11/15/2021
More results

Similar Description - PRMC3-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com