Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLP1-SMMF0AC Datasheet(PDF) 2 Page - SICK AG

Part # MLP1-SMMF0AC
Description  SAFETY LOCKING DEVICES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MLP1-SMMF0AC Datasheet(HTML) 2 Page - SICK AG

  MLP1-SMMF0AC Datasheet HTML 1Page - SICK AG MLP1-SMMF0AC Datasheet HTML 2Page - SICK AG MLP1-SMMF0AC Datasheet HTML 3Page - SICK AG MLP1-SMMF0AC Datasheet HTML 4Page - SICK AG MLP1-SMMF0AC Datasheet HTML 5Page - SICK AG MLP1-SMMF0AC Datasheet HTML 6Page - SICK AG MLP1-SMMF0AC Datasheet HTML 7Page - SICK AG MLP1-SMMF0AC Datasheet HTML 8Page - SICK AG MLP1-SMMF0AC Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLP1-SMMF0AC | MLP1
SAFETY LOCKING DEVICES
Ordering information
Type
Part no.
MLP1-SMMF0AC
1080321
Other models and accessories
www.sick.com/MLP1
Detailed technical data
Features
Sensor principle
Transponder
Locking force
500 N
Retaining force
25 N
Offset tolerance
≤ 5 mm
Safe switch off distance Sar
45 mm
For process protection only
✔
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508), SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849) 1)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.5 x 10-8 (EN ISO 13849) 2)
TM (mission time)
20 years (EN ISO 13849)
Type
Type 4 (EN ISO 14119)
Actuator coding level
Low coding level (EN ISO 14119)
Safe state in the event of a fault
At least one safety-related semiconductor output (OSSD) is in the OFF state.
1) In a cascade, the performance level for the cascade as a whole depends on the number and type of devices in the cascade. PL e is only possible in cascades with a
maximum of 6 devices.
2) At 40 °C and 1000 m above sea level.
Functions
Cascading
✔ (cascadable with T-connector or Flexi Loop)
Interfaces
Connection type
Cable with plug M12, 8-pin
Flexi-Loop-ready
✔
Length of cable 150 mm
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-20 14:43:28
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com