Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3383G-20-AB3-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UC3383G-20-AB3-R
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3383G-20-AB3-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UC3383G-20-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 9Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 10Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 11Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 12Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 13Page - Unisonic Technologies UC3383G-20-AB3-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UC3383
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
11 of 14
www.unisonic.com.tw
QW-R502-032.L
T Y PI CAL APPLI CAT I ON CI RCU I T S
VOUT
+
CL
GND
SD
VIN
L
L: 100 µH
SD: MA735 (Schottky diode; MATSUSHITA)
CL:16V 47µF
3
2
1
UTC UC3383
Fig.1
3-Lead Package Application(SOT-89)
VOUT
+
CL
GND
SD
VIN
L
L:100µH
SD:MA735 (Schottky diode; MATSUSHITA)
CL :16V47µF
CE
UTC UC3383
5
4
3
2
1
Fig.2
5-Lead Package Application(SOT-25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com