Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSCDTD008A Datasheet(PDF) 21 Page - ALPS ELECTRIC CO.,LTD.

Part # HSCDTD008A
Description  Geomagnetic Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCDTD008A Datasheet(HTML) 21 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSCDTD008A Datasheet HTML 17Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 18Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 19Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 20Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 21Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 22Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 23Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 24Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 25Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REGISTER DESCRIPTIONS
Self Test Response Register (STB)
Address : 0Ch, Self Test Response (Read Only)
Bit
Name
Description
7:0
STB 7:0
Self test starts by STC bit (CNTL3 register).
AAh is stored when CNTL3: bit STC sets to 1.
55h is stored after STB register is read.
Information Registers
Address : 0Dh, "More Info version" (Read Only)
Bit
Name
Description
7:0
INFO1 7:0
Information Value1 (11h)
Address : 0Eh, "More Info ALPS" (Read Only)
Bit
Name
Description
7:0
INFO2 7:0
Information Value2 (15h)
Address : 0Fh, "Who Am I" Value (Read Only)
Bit
Name
Description
7:0
WIA 7:0
Identify byte (49h)
Geomagnetic Sensor
21 / 32
HSCDTD008A
Rev.2.5
Aug. 2016
Confidential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com