Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC1010 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KBPC1010
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KBPC1010 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KBPC1010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KBPC1010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Bridge Rectifier
KBPC1010
THERMAL CHARACTERISTICS (Ta=25℃ Unless otherwise specified)
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to ambient
19
/W
ELECTRICAL CHARACTERISTICS (Ta=25℃ Unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VFM
Maximum Instantaneous Forward Voltage
IFM= 5A
1.1
V
IRRM
Maximum DC Reverse Current
Rated DC Voltage, VRM=VRRM
10
µA
OUTLINE DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com