Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVRG4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVRG4
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC2G04DBVRG4 Datasheet HTML 17Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 18Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 19Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 20Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 21Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 22Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 23Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 24Page - Texas Instruments SN74LVC2G04DBVRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.15
1
TYP
0.5 TYP
6X
0.25
0.21
0.5
TYP
B
E
A
D
4219524/A 06/2014
DSBGA - 0.5 mm max height
YZP0006
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. NanoFree
TM
package configuration.
NanoFree Is a trademark of Texas Instruments.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
B
A
1
2
0.015
C A
B
SYMM
SYMM
C
SCALE 9.000
D: Max =
E: Max =
1.418 mm, Min =
0.918 mm, Min =
1.358 mm
0.858 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com