Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G74DCTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G74DCTRG4
Description  Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G74DCTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G74DCTRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G74DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
SN74LVC2G74
SCES203P – APRIL 1999 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN74LVC2G74
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements, –40°C to +85°C..................... 6
6.7
Timing Requirements, –40°C to +125°C................... 6
6.8
Switching Characteristics, –40°C to +85°C............... 7
6.9
Switching Characteristics, –40°C to +125°C............. 7
6.10
Operating Characteristics........................................ 7
6.11
Typical Characteristics ............................................ 7
7
Parameter Measurement Information .................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes.......................................... 9
9
Application and Implementation ........................ 10
9.1
Application Information .......................................... 10
9.2
Typical Power Button Circuit .................................. 10
10
Power Supply Recommendations ..................... 11
11
Layout................................................................... 12
11.1
Layout Guidelines ................................................. 12
11.2
Layout Example .................................................... 12
12
Device and Documentation Support ................. 13
12.1
Receiving Notification of Documentation Updates 13
12.2
Community Resources.......................................... 13
12.3
Trademarks ........................................................... 13
12.4
Electrostatic Discharge Caution ............................ 13
12.5
Glossary ................................................................ 13
13
Mechanical, Packaging, and Orderable
Information ........................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision O (January 2015) to Revision P
Page
•
Changed SSOP to SM8 in Device Information table.............................................................................................................. 1
•
Updated pinout images to new format.................................................................................................................................... 3
•
Added pin number for DSBGA package in Pin Functions table ............................................................................................. 3
•
Changed 6 PINS to 8 PINS in Thermal Information table ...................................................................................................... 5
•
Changed 23 to 2.3 for tsu data in Timing Requirements, –40°C to +125°C ........................................................................... 6
•
Added Receiving Notification of Documentation Updates section and Community Resources section .............................. 13
Changes from Revision N (July 2013) to Revision O
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision M (February 2007) to Revision N
Page
•
Changed Ioff description in Features....................................................................................................................................... 1
•
Added parameter values for –40 to +125°C temperature ratings in Electrical Characteristics table. .................................... 6
•
Changed Timing Requirements, –40°C to +85°C table.......................................................................................................... 6
•
Added Timing Requirements, –40°C to +125°C table............................................................................................................ 6
•
Changed Switching Characteristics, –40°C to +85°C table.................................................................................................... 7
•
Added Switching Characteristics, –40°C to +125°C table...................................................................................................... 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com