Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB307B Datasheet(PDF) 12 Page - ON Semiconductor

Part # FUSB307B
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307B Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FUSB307B Datasheet HTML 8Page - ON Semiconductor FUSB307B Datasheet HTML 9Page - ON Semiconductor FUSB307B Datasheet HTML 10Page - ON Semiconductor FUSB307B Datasheet HTML 11Page - ON Semiconductor FUSB307B Datasheet HTML 12Page - ON Semiconductor FUSB307B Datasheet HTML 13Page - ON Semiconductor FUSB307B Datasheet HTML 14Page - ON Semiconductor FUSB307B Datasheet HTML 15Page - ON Semiconductor FUSB307B Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
FUSB307B
www.onsemi.com
12
Hard Reset/ Cable Reset State Machine
The TCPM will write the TRANSMIT register to initiate
the Hard Reset/Cable Reset state machine, see Figure 11. If
a the FUSB307B is in the middle of a transmission when
instructed to send a Hard or Cable reset, it will set the
ALERTL.I_TXDISC bit and send the hard reset signaling as
soon as possible. The FUSB307B implements the
HardResetCompleteTimer. A Hard Reset or Cable Reset
will be attempted until the HardResetCompleteTimer times
out. After a successful transmission or timeout, the
FUSB307B will indicate that a Hard Reset or Cable Reset
has been sent by asserting both ALERTL.I_TXSUCC and
ALERTL.I_TXFAIL registers simultaneously. The bits in
RXDETECT and RXBYTECNT will be reset to disable PD
message passing after a Hard Reset is received or
transmitted.
Figure 11. Hard Reset and Cable Reset State Machine
TRANSMIT[2:0]=101b or 110b
written
Hard Reset or Cable Reset sent
tHardResetComplete
expires
PRL_HR_Wait_for_Hard_Reset_
Request
PRL_HR_Failure
Actions on entry:
Instruct PHY to stop attempting to
send Hard Reset or Cable Reset.
PRL_HR_Success
Actions on entry:
Stop tHardResetComplete timer
PRL_HR_Construct_Message
Actions on entry:
Start tHardResetComplete timer
Request PHY to send Hard Reset or
Cable Reset
Actions on entry:
PRL_HR_Report
Actions on entry:
Assert ALERT.I_TX_SUCC and
ALERT.I_TX_FAIL
Automatic GoodCRC Response
Power
Delivery
packets
require
a
GoodCRC
acknowledge packet to be sent for each received packet
where the calculated CRC is the correct value. This
calculation is done by the FUSB307B.
The FUSB307B will automatically send the GoodCRC
control packet in response to alleviate the local processor
from responding quickly to the received packet. Once the
GoodCRC packet is sent the FUSB307B will trigger the
ALERTL.I_RXSTAT interrupt.
The following sequence of events occur internally within
the FUSB307B without processor intervention when it is
determined that the receive message has the correct CRC. If
the host processor attempts a packet transmission during an
Automatic GoodCRC response, the FUSB307B will set the
ALERTL.I_TXDISC bit interrupting the processor. The
processor should only transmit a new packet once
ALERTL.I_TXSUCC or ALERTL.I_TX_FAIL has been
received.
It
is
assumed
that
the
processor
will
set
the
PWRCTRL.ORIENT to specify which channel USB−PD
traffic will be transmitted or received.
BIST Mode
Bist Transmit
The FUSB307B will transmit Bist Carrier Mode 2
signaling when directed by the TCPM via TRANSMIT
register. The FUSB307B will exit Bist Mode after
tBISTContMode timer expires.
Bist Receive
When the FUSB307B is in Bist receive mode via
TCPC_CTRL register, it will acknowledge these packets
with a GoodCRC and automatically flush the buffer to allow
for thousands of packets to be received without filling the
receive buffer. Bist Receive mode will exit on a cable
disconnect or a Hard Reset received.
VBUS Source and Sink Control
The FUSB307B can control a source and sink path via two
outputs: SRC for the source path and SNK for the sink
VBUS path.
These two outputs are controlled via the COMMAND
register.
The SNK and SRC outputs will autonomously disable
upon a cable detach.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com