Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS7A1106PDRVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A1106PDRVR
Description  500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1106PDRVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A1106PDRVR Datasheet HTML 2Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 3Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 4Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 5Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 6Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 7Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 8Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 9Page - Texas Instruments TPS7A1106PDRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
TPS7A11
SBVS316 – SEPTEMBER 2018
www.ti.com
Product Folder Links: TPS7A11
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over TJ = –40°C to +125°C, VIN = VOUT(NOM) + 0.5 V, VBIAS = VOUT(NOM) + 1.4 V, IOUT = 1 mA, VEN = 1.0 V, CIN = 2.2 μF, COUT =
2.2 μF, and CBIAS = 0.1 μF ( unless otherwise noted); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
This current flowing from VIN to GND.
(2)
Dropout is not measured for VOUT < 1.0 V.
ΔVOUT / ΔVBIAS
VBIAS line regulation
VOUT(NOM) + 1.4 V ≤ VBIAS ≤ 5.5 V
0.03
%/V
ΔVOUT / ΔIOUT
Load regulation
0.1 mA
≤ IOUT ≤ 500 mA
0.2
%/A
IQ(BIAS)
Bias pin current
TJ = 25°C, IOUT = 0 mA
3
6
8
µA
–40°C < TJ < 85°C, IOUT = 0 mA
11
IOUT = 0 mA
14
IOUT = 500 mA
60
IQ(IN)
Input pin current(1)
TJ = 25°C, IOUT = 0 mA
1.6
2.1
µA
–40°C < TJ < 85°C, IOUT = 0 mA
2.3
IOUT = 0 mA
2.6
IOUT = 500 mA
11
ISHDN(BIAS)
VBIAS shutdown current
–40°C < TJ < 85°C,
VIN = 3.3 V, VBIAS = 5.5 V, VEN ≤ 0.4 V
400
nA
–40°C < TJ < 125°C,
VIN = 3.3 V, VBIAS = 5.5 V, VEN ≤ 0.4 V
1200
ISHDN(IN)
VIN shutdown current
–40°C < TJ < 85°C,
VIN = 3.3 V, VBIAS = 5.5 V, VEN ≤ 0.4 V
1
µA
–40°C < TJ < 125°C,
VIN = 3.3 V, VBIAS = 5.5 V, VEN ≤ 0.4 V
3
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM), YKA Package
625
900
1150
mA
VOUT = 0.9 × VOUT(NOM), DRV Package
700
990
1250
ISC
Short circuit current limit
VOUT = 0 V
300
mA
VDO(IN)
VIN dropout voltage
(2)
VIN = VOUT(NOM) – 0.1 V, IOUT = 500 mA,
YKA package
70
110
mV
VIN = VOUT(NOM) – 0.1 V, IOUT = 500 mA,
DRV package
90
140
VDO(BIAS)
VBIAS dropout voltage
(2)
IOUT = 500 mA
0.85
1.2
V
IOUT = 250 mA
0.75
1.0
VIN PSRR
VIN power-supply rejection
ratio
f = 1 kHz,
VOUT = 1.0 V, IOUT = 50 mA
64
dB
f = 100 kHz,
VOUT = 1.0 V, IOUT = 50 mA
37
f = 1 MHz,
VOUT = 1.0 V, IOUT = 50 mA
31
f = 1.5 MHz,
VOUT = 1.0 V, IOUT = 50 mA
35
VBIAS PSRR
VBIAS power-supply
rejection ratio
f = 1 kHz,
VOUT = 1.0 V, IOUT = 500 mA
56
dB
f = 100 kHz,
VOUT = 1.0 V, IOUT = 500 mA
43
f = 1 MHz,
VOUT = 1.0 V, IOUT = 500 mA
33
Vn
Output voltage noise
Bandwidth = 10 Hz to 100 kHz,
VOUT = 1.0 V, IOUT = 50 mA
93.9
µVRMS
VUVLO(BIAS)
Bias supply UVLO
VBIAS rising
1.46
1.54
1.63
V
VBIAS falling
1.35
1.44
1.55
VUVLO_HYST(BIAS)
Bias supply hysteresis
VBIAS hysteresis
80
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com