Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCLK950BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADCLK950BCPZ
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCLK950BCPZ Datasheet HTML 4Page - Analog Devices ADCLK950BCPZ Datasheet HTML 5Page - Analog Devices ADCLK950BCPZ Datasheet HTML 6Page - Analog Devices ADCLK950BCPZ Datasheet HTML 7Page - Analog Devices ADCLK950BCPZ Datasheet HTML 8Page - Analog Devices ADCLK950BCPZ Datasheet HTML 9Page - Analog Devices ADCLK950BCPZ Datasheet HTML 10Page - Analog Devices ADCLK950BCPZ Datasheet HTML 11Page - Analog Devices ADCLK950BCPZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
ADCLK950
Rev. B | Page 11 of 12
INPUT TERMINATION OPTIONS
VREFx
VCC
VTx
CLKx
CLKx
CONNECT VTx TO VCC.
50Ω
50Ω
ADCLK950
Figure 19. DC-Coupled CML Input Termination
VREFx
VTx
VCC
50Ω
50Ω
CLKx
CLKx
0.01µF
(OPTIONAL)
50Ω
ADCLK950
Figure 20. DC-Coupled LVPECL Input Termination
VREFx
VTx
CONNECT VTx TO VREFx.
ADCLK950
50Ω
50Ω
CLKx
CLKx
Figure 21. AC-Coupled Input Termination, Such as LVDS and LVPECL
VREFx
VTx
CONNECT VTx, VREFx, AND CLKx. PLACE A
BYPASS CAPACITOR FROM VTx TO GROUND.
ALTERNATIVELY, VTx, VREFx, AND CLKx CAN BE
CONNECTED, GIVING A CLEANER LAYOUT AND
A 180º PHASE SHIFT.
50Ω
50Ω
CLKx
CLKx
ADCLK950
Figure 22. AC-Coupled Single-Ended Input Termination
VREFx
VTx
50Ω
50Ω
CLKx
CLKx
ADCLK950
Figure 23. DC-Coupled 3.3 V CMOS Input Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com