Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MML09231HT1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MML09231HT1
Description  Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML09231HT1 Datasheet(HTML) 1 Page - NXP Semiconductors

  MML09231HT1 Datasheet HTML 1Page - NXP Semiconductors MML09231HT1 Datasheet HTML 2Page - NXP Semiconductors MML09231HT1 Datasheet HTML 3Page - NXP Semiconductors MML09231HT1 Datasheet HTML 4Page - NXP Semiconductors MML09231HT1 Datasheet HTML 5Page - NXP Semiconductors MML09231HT1 Datasheet HTML 6Page - NXP Semiconductors MML09231HT1 Datasheet HTML 7Page - NXP Semiconductors MML09231HT1 Datasheet HTML 8Page - NXP Semiconductors MML09231HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MML09231HT1
1
RF Device Data
Freescale Semiconductor, Inc.
Enhancement Mode pHEMT
Technology (E--pHEMT)
Low Noise Amplifier
The MML09231H is a single--stage low noise amplifier (LNA) with active
bias and high isolation for use in cellular infrastructure applications. It is
designed for a range of low noise, high linearity applications such as small
cell, tower mounted amplifiers (TMA) and receiver front--end circuits. It
operates from a single voltage supply and is suitable for applications with
frequencies from 700 to 1400 MHz such as ISM, GSM, W--CDMA and LTE.
Features
 Ultra Low Noise Figure: 0.36 dB @ 900 MHz
 Frequency: 700--1400 MHz
 Unconditionally Stable Over Temperature
 High Reverse Isolation: --21 dB @ 900 MHz
 P1dB: 24.5 dBm @ 900 MHz
 Small--Signal Gain: 17.2 dB @ 900 MHz (adjustable externally)
 Third Order Output Intercept Point: 37.4 dBm @ 900 MHz
 Single 5 V Supply
 Power--down Pin
 Supply Current: 55 mA
 50 Ohm Operation (some external matching required)
 Cost--effective 8--pin, 2 mm DFN Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
DFN 2  2
700--1400 MHz, 17.2 dB
24.5dBm,0.36dB NF
E--pHEMT LNA
MML09231HT1
Table 1. Typical Performance (1)
Characteristic
Symbol
700
MHz
900
MHz
1400
MHz
Unit
Noise Figure (2a)
NF
0.46(b) 0.36(b) 0.45(b) dB
Input Return Loss
(S11)
IRL
--17
--15
--14
dB
Output Return Loss
(S22)
ORL
--14
--15
--15
dB
Small--Signal Gain
(S21)
Gp
19
17.2
13.2
dB
Power Output @
1dB Compression
P1dB
24
24.5
24
dBm
Third Order Input
Intercept Point
IIP3
17
20.2
23.8
dBm
Third Order Output
Intercept Point
OIP3
36
37.4
37
dBm
1. VDD =5 Vdc, TA =25C, 50 ohm system, application circuit
tuned for specified frequency.
2. (a) Noise figure value calculated with connector losses
removed. (b) Zin =50 .
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
6
V
Supply Current
IDD
150
mA
RF Input Power
Pin
20
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
175
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 95C, 5 Vdc, 55 mA, no RF applied
RJC
77
C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
Freescale Semiconductor
Technical Data
Document Number: MML09231H
Rev. 1, 9/2014
 Freescale Semiconductor, Inc., 2013--2014. All rights reserved.


Similar Part No. - MML09231HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MML09211H NXP-MML09211H Datasheet
566Kb / 20P
Low Noise Amplifier
Rev. 1, 9/2014
MML09211HT1 NXP-MML09211HT1 Datasheet
566Kb / 20P
Low Noise Amplifier
Rev. 1, 9/2014
MML09212H NXP-MML09212H Datasheet
709Kb / 27P
Low Noise Amplifier
Rev. 3, 01/2018
MML09212HT1 NXP-MML09212HT1 Datasheet
709Kb / 27P
Low Noise Amplifier
Rev. 3, 01/2018
More results

Similar Description - MML09231HT1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com