Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMPF0200F4ANES Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MMPF0200F4ANES
Description  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F4ANES Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MMPF0200F4ANES Datasheet HTML 74Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 75Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 76Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 77Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 78Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 79Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 80Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 81Page - NXP Semiconductors MMPF0200F4ANES Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
78
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 21. VSNVS supply switch architecture
Table 92 provides a summary of the VSNVS operation at different input voltage VIN and with or without coin cell connected to the system.
VSNVS control
The VSNVS output level is configured through the VSNVSVOLT[2:0]bits on VSNVSCTL register as shown in table Table 93.
VSNVS external components
Table 92. VSNVS modes of operation
VSNVSVOLT[2:0]
VIN
MODE
110
> VTH1
VIN LDO 3.0 V
110
< VTL1
Coin cell switch
000 – 101
> VTH0
VIN LDO
000 – 101
< VTL0
Coin cell LDO
Table 93. Register VSNVSCTL - ADDR 0x6B
Name
Bit #
R/W
Default
Description
VSNVSVOLT
2:0
R/W
0x80
Configures VSNVS output voltage.(67)
000 = 1.0 V
001 = 1.1 V
010 = 1.2 V
011 = 1.3 V
100 = 1.5 V
101 = 1.8 V
110 = 3.0 V
111 = RSVD
UNUSED
7:3
–
0x00
UNUSED
Notes
67.
Only valid when a valid input voltage is present.
Table 94. VSNVS External Components
Capacitor
Value (
μF)
VSNVS
0.47
LDO\
PF0200
VSNVS
Coin Cell
1.8 - 3.3 V
VIN
2.25 V (VTL0) -
4.5 V
LICELL
Charger
LDO/SWITCH
VREF
+
_
Z
Input
Sense/
Selector
I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com