Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9528 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9528 Datasheet HTML 3Page - Analog Devices AD9528 Datasheet HTML 4Page - Analog Devices AD9528 Datasheet HTML 5Page - Analog Devices AD9528 Datasheet HTML 6Page - Analog Devices AD9528 Datasheet HTML 7Page - Analog Devices AD9528 Datasheet HTML 8Page - Analog Devices AD9528 Datasheet HTML 9Page - Analog Devices AD9528 Datasheet HTML 10Page - Analog Devices AD9528 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 7 of 67
VCXO_VT OUTPUT CHARACTERISTICS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
High
VDD − 0.15
V
RLOAD > 20 kΩ
Low
150
mV
PLL2 CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO (ON CHIP)
Frequency Range
3450
4025
MHz
Gain
48
MHz/V
PLL2 FIGURE OF MERIT (FOM)
−226
dBc/Hz
MAXIMUM PFD FREQUENCY
275
MHz
CLOCK DISTRIBUTION OUTPUT CHARACTERISTICS
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL MODE
Output Frequency
1000
MHz
All outputs
1250
MHz
OUT0 to OUT3, OUT12, OUT13 outputs only
Rise Time/Fall Time (20% to 80%)
60
160
ps
100 Ω termination across output pair
Duty Cycle
f < 500 MHz
48
50
53
%
f = 500 MHz to 800 MHz
46
51
54
%
f = 800 MHz to 1.25 GHz
44
50
62
%
f = 800 MHz to 1.25 GHz
50
57
%
If using PLL2
Differential Output Voltage Swing
900
1000
1100
mV
VOH − VOL for each leg of a differential
pair for default amplitude setting with
the driver not toggling; the peak-to-
peak amplitude measured using a
differential probe across the differential
pair with the driver toggling is roughly
2× these values (see Figure 5 for
variation over frequency)
Common-Mode Output Voltage
0.88
0.9
0.94
V
LVDS MODE, 3.5 mA
3.5 mA
Output Frequency
1000
MHz
All outputs
1250
GHz
OUT0 to OUT3, OUT12, OUT13 outputs only
Rise Time/Fall Time (20% to 80%)
50
216
ps
100 Ω termination across output pair
Duty Cycle
f < 500 MHz
47
50
53
%
f = 500 MHz to 800 MHz
46
51
54
%
f = 800 MHz to 1.25 GHz
48
54
58
%
Balanced, Differential Output
Swing (VOD)
345
390
mV
Voltage swing between output pins;
output driver static (see Figure 6 for
variation over frequency)
Unbalanced, ∆VOD
3
mV
Absolute difference between voltage
swing of normal pin and inverted pin;
output driver static
Common-Mode Output Voltage
1.15
1.35
V
Common-Mode Difference
1.2
mV
Voltage difference between output pins;
output driver static
Short-Circuit Output Current
15
19
mA
Output driver static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com