Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9542BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9542BCPZ
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9542BCPZ Datasheet HTML 8Page - Analog Devices AD9542BCPZ Datasheet HTML 9Page - Analog Devices AD9542BCPZ Datasheet HTML 10Page - Analog Devices AD9542BCPZ Datasheet HTML 11Page - Analog Devices AD9542BCPZ Datasheet HTML 12Page - Analog Devices AD9542BCPZ Datasheet HTML 13Page - Analog Devices AD9542BCPZ Datasheet HTML 14Page - Analog Devices AD9542BCPZ Datasheet HTML 15Page - Analog Devices AD9542BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 12 of 61
SYSTEM CLOCK COMPENSATION SPECIFICATIONS
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIRECT COMPENSATION
Resolution
0.028
ppt
ppt is parts per trillion (10−12)
CLOSED-LOOP COMPENSATION (AUXILIARY DPLL)
Phase Detector Frequency
2
200
kHz
Loop Bandwidth
0.1
2 × 103
Hz
Reference Monitor Threshold
5
%
TEMPERATURE SENSOR SPECIFICATIONS
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE
Accuracy
Absolute
5
°C
T
A = −50°C to +110°C
Relative
1.7
%
T
A = −50°C to +110°C
Resolution
0.0078
°C
16-bit (signed) resolution
Conversion time
0.18
ms
REPEATABILITY
±0.02
°C
T
A = 25°C
DRIFT
0.1
°C
500 hour stress test at 100°C
SERIAL PORT SPECIFICATIONS
Serial Port Interface (SPI) Mode
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CSB
Valid for VDDIOA = 3.3 V, 1.8 V, and 2.5 V
Input Logic 1 Voltage
VDDIOA − 0.4
V
Input Logic 0 Voltage
0.4
V
Input Logic 1 Current
1
µA
Input Logic 0 Current
1
µA
SCLK
Input Logic 1 Voltage
VDDIOA − 0.4
V
Input Logic 0 Voltage
0.4
V
Input Logic 1 Current
1
µA
Input Logic 0 Current
1
µA
SDIO
As an Input
Input Logic 1 Voltage
VDDIOA − 0.4
V
Input Logic 0 Voltage
0.4
V
Input Logic 1 Current
1
µA
Input Logic 0 Current
1
µA
As an Output
Output Logic 1 Voltage
VDDIOA − 0.2
V
1 mA load current
Output Logic 0 Voltage
0.2
V
1 mA load current
SDO
Output Logic 1 Voltage
VDDIOA − 0.2
V
1 mA load current
Output Logic 0 Voltage
0.2
V
1 mA load current
Leakage Current
±1
µA
SDO inactive (high impedance)
TIMING
Valid for VDDIOA = 3.3 V, 1.8 V, and 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com