Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9545BCPZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 75Page - Analog Devices AD9545BCPZ Datasheet HTML 76Page - Analog Devices AD9545BCPZ Datasheet HTML 77Page - Analog Devices AD9545BCPZ Datasheet HTML 78Page - Analog Devices AD9545BCPZ Datasheet HTML 79Page - Analog Devices AD9545BCPZ Datasheet HTML 80Page - Analog Devices AD9545BCPZ Datasheet HTML 81Page - Analog Devices AD9545BCPZ Datasheet HTML 82Page - Analog Devices AD9545BCPZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 79 of 157
DIGITAL PLL (DPLL)
DPLL OVERVIEW
Note that throughout this section, unless otherwise specified,
any referenced bits, registers, or bit fields reside in the DPLL
Channel 0 and DPLL Channel 1 registers (Address 0x1000 to
Address 0x102A, and Address 0x1400 to Address 0x142A) of
the register map.
The DPLL is an all digital implementation of a phase-locked
loop (PLL). Figure 68 shows the fundamental building blocks of
an APLL and a DPLL. An APLL typically relies on a VCO as the
frequency element for generating an output signal, where the
output frequency depends on an applied dc voltage. A DPLL,
conversely, uses a numerically controlled oscillator (NCO),
which relies on a digital frequency tuning word (FTW) to
produce the output frequency. A VCO inherently produces a
timing signal because it is, by definition, an oscillator, whereas
the AD9545 NCO requires an external timing source, the system
clock. The fundamental difference between an APLL and a
DPLL is that the VCO in an APLL can tune to any frequency
within its operating bandwidth, whereas the NCO in a DPLL
can only tune to discrete frequencies (by virtue of the FTW).
PHASE
DETECTOR
DIVIDER
LOOP
FILTER
VCO
ANALOG
PHASE
ERROR
VOLTAGE
FIXED LOOP
BANDWIDTH
APLL
DIGITAL
PHASE
DETECTOR
DIVIDER
DIGITAL
LOOP
FILTER
NUMERIC
PHASE
ERROR
SYSTEM
CLOCK
PROGRAMMABLE
LOOP BANDWIDTH
DPLL
NCO
NUMERIC
COEFFICIENTS
NUMERIC
FREQUENCY
TUNING WORD
Figure 68. APLL vs. DPLL
The DPLLs in the AD9545 have a digital TDC-based phase
detector and a digital loop filter with programmable bandwidth.
The digital loop filter output yields a digital FTW (instead of a
dc voltage, as in the case of an analog PLL) that produces a
corresponding NCO output frequency.
DPLL LOOP CONTROLLER
The DPLL has several operating modes (including freerun,
holdover, and active). To ensure seamless transition between
modes, the DPLL has a loop controller. The loop controller sets
the appropriate DPLL operating mode based on the prevailing
requirements of automatic reference switching or manual
control settings.
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another (see the Reference
Switching section). The AD9545 handles a reference switchover
by briefly entering holdover mode, loading the new DPLL
parameters, and then immediately recovering.
Holdover or Freerun
Typically, the holdover or freerun state is in effect when all of
the input references are invalid. However, the user can force the
holdover mode even when one or more references are valid by
setting the DPLLx force holdover bit (where x is 0 or 1) to Logic 1
(Bit D1 of Register 0x2105 and Register 0x2205). To force freerun
mode, see the Freerun Tuning Word section. In holdover mode,
the output frequency remains fixed (to the extent of the stability
of the system clock). The accuracy of the AD9545 in holdover
mode is dependent on the device programming and availability
of the tuning word history.
When the DPLL is in holdover or freerun mode, it implies there
is no active translation profile available (see the Frequency
Translation Loops section). However, the DPLL is still attached
to a translation profile by virtue of the DPLLx inactive profile
index bit field (where x is 0 or 1) in Bits[D2:D0] of Register 0x102A
or Register 0x142A. The DPLLx inactive profile index bit field
defines which translation profile attaches to the DPLL when in
holdover or freerun mode.
Because the DPLL attaches to the profile specified by the
DPLLx inactive profile index bit field, the recommendation is
for the user to program the DPLLx inactive profile index bit
field with one of the translation profiles the user has purposefully
configured. For example, if the user configures Translation
Profile 0, Translation Profile 2, and Translation Profile 5 for use
by DPLL0, program the DPLL0 inactive profile index bit field
with 0, 2, or 5.
Recovery from Holdover
When in holdover and an enabled translation profile becomes
available, the device exits holdover operation. The loop controller
restores the DPLL to closed-loop operation, locks to the selected
reference, and sequences the recovery of all the loop parameters
based on the profile settings for the active reference.
If DPLLx force holdover = 1, the device does not automatically
exit holdover when a valid translation profile is available.
However, automatic recovery of a valid translation profile can
occur after clearing the DPLLx force holdover bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com