Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT24S64C4ATR Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT24S64C4ATR
Description  EEPROM Serial 64-Kb I2C with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24S64C4ATR Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24S64C4ATR Datasheet HTML 1Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 2Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 3Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 4Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 5Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 6Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 7Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 8Page - ON Semiconductor CAT24S64C4ATR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT24S64
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Storage Temperature
−65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. During transitions, voltage undershoot on any pin should not exceed −1 V for more than 20 ns. Voltage overshoot on the SCL and SDA pins
should not exceed the absolute maximum ratings, irrespective of VCC.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR (Note 4)
Data Retention
40
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C
4. TA = 55°C
Table 3. DC AND AC OPERATING CONDITIONS
Supply Voltage / Temperature Range
Operation
VCC = 1.7 V to 5.5 V / TA = −40°C to +85°C
READ / WRITE
VCC = 1.6 V to 5.5 V / TA = −40°C to +85°C
READ
VCC = 1.6 V to 5.5 V / TA = 0°C to +85°C
WRITE
Table 4. D.C. OPERATING CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz/1 MHz
1
mA
ICCW
Write Current
2
mA
ISB
Standby Current
All I/O Pins at GND or VCC
VCC ≤ 2.5 V
1
mA
VCC > 2.5 V
2
IL
I/O Pin Leakage
Pin at GND or VCC
2
mA
VIL1
Input Low Voltage
VCC ≥ 2.5 V
−0.5
0.3 VCC
V
VIL2
Input Low Voltage
VCC < 2.5 V
−0.5
0.25 VCC
V
VIH1
Input High Voltage
VCC ≥ 2.5 V
0.7 VCC
5.5
V
VIH2
Input High Voltage
VCC < 2.5 V
0.75 VCC
5.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 5. PIN IMPEDANCE CHARACTERISTICS
Symbol
Parameter
Conditions
Max
Units
CIN (Note 5)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 5)
Input Capacitance (other pins)
VIN = 0 V
6
pF
5. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com