Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0P4B5LP08-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0P4B5LP08-7
Description  4 CHANNEL BI-DIRECTIONAL TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P4B5LP08-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0P4B5LP08-7 Datasheet HTML 1Page - Diodes Incorporated D5V0P4B5LP08-7 Datasheet HTML 2Page - Diodes Incorporated D5V0P4B5LP08-7 Datasheet HTML 3Page - Diodes Incorporated D5V0P4B5LP08-7 Datasheet HTML 4Page - Diodes Incorporated D5V0P4B5LP08-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D5V0P4B5LP08
Document number: DS36249 Rev. 2- 2
1 of 5
www.diodes.com
September 2016
© Diodes Incorporated
D5V0P4B5LP08
4 CHANNEL BI-DIRECTIONAL TVS ARRAY
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±15kV, Contact ±15kV
4 Channel of ESD Protection
Low Channel Input Capacitance of 4.8pF Typical
IEC 61000-4-5 (Surge): 3A (tP = 8x20µs)
Ultra Low Leakage Current 100nA (Max)
Typically Used in Cellular Handsets, Portable Electronics,
Communication Systems, Computers and Peripherals
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X2-DFN0808-4
Case Material: Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
 NiPdAu Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.0015 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size(inch)
Tape Width(mm)
Quantity per Reel
D5V0P4B5LP08-7
Standard
SB
7
8
5,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
e4
SB = Product Type Marking Code
Top View
Pin Configuration
SB
GND
1
2
4
3


Similar Part No. - D5V0P4B5LP08-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0P4B5LP08-7 DIODES-D5V0P4B5LP08-7 Datasheet
306Kb / 5P
4 CHANNEL BI-DIRECTIONAL TVS ARRAY
Rev 1
More results

Similar Description - D5V0P4B5LP08-7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSMDA05C-7 PANJIT-PJSMDA05C-7 Datasheet
68Kb / 5P
BI-DIRECTIONAL 7-TVS ARRAY
logo
Diodes Incorporated
D5V0L4B5V-7 DIODES-D5V0L4B5V-7 Datasheet
142Kb / 5P
4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Rev 6
D5V0L4B5TS-7 DIODES-D5V0L4B5TS-7 Datasheet
111Kb / 5P
4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Rev 6
logo
Taiwan Semiconductor Co...
TESDC24V TSC-TESDC24V_14 Datasheet
118Kb / 5P
Bi-directional TVS Diode Array
logo
Diodes Incorporated
D5V0L2B3SO DIODES-D5V0L2B3SO Datasheet
106Kb / 4P
CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Rev 5
D5V0L4B5S DIODES-D5V0L4B5S Datasheet
103Kb / 5P
4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Rev 5
D5V0L4B5SO DIODES-D5V0L4B5SO Datasheet
102Kb / 5P
4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
Rev 5
D5V0P4B5LP08 DIODES-D5V0P4B5LP08 Datasheet
306Kb / 5P
4 CHANNEL BI-DIRECTIONAL TVS ARRAY
Rev 1
logo
Applied Power Microelec...
AU0514PD APMICRO-AU0514PD Datasheet
1Mb / 4P
4-Line Bi-directional TVS Diode Array
logo
Diodes Incorporated
D5V0L4B5SOQ DIODES-D5V0L4B5SOQ Datasheet
327Kb / 5P
4 CHANNEL LOW CAPACITANCE BI-DIRECTIONAL TVS ARRAY
June 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com