Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D8V0L1B2LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D8V0L1B2LP
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D8V0L1B2LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D8V0L1B2LP Datasheet HTML 1Page - Diodes Incorporated D8V0L1B2LP Datasheet HTML 2Page - Diodes Incorporated D8V0L1B2LP Datasheet HTML 3Page - Diodes Incorporated D8V0L1B2LP Datasheet HTML 4Page - Diodes Incorporated D8V0L1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D8V0L1B2LP
Document number: DS39382 Rev. 1 - 2
3 of 5
www.diodes.com
May 2017
© Diodes Incorporated
D8V0L1B2LP
0
125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
250
175
Note 5
200
225
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200
0
t, TIME ( s)
Figure 3 Pulse Waveform
20
40
60
100
50
0
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
0
1
2
3
4
5
6
7
8
V
R, REVERSE VOLTAGE (V)
Figure 4 Typical Junction Capacitance
f=1MHz
(
oC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com