Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D8V0X1B2LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D8V0X1B2LP
Description  8V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D8V0X1B2LP Datasheet(HTML) 2 Page - Diodes Incorporated

  D8V0X1B2LP Datasheet HTML 1Page - Diodes Incorporated D8V0X1B2LP Datasheet HTML 2Page - Diodes Incorporated D8V0X1B2LP Datasheet HTML 3Page - Diodes Incorporated D8V0X1B2LP Datasheet HTML 4Page - Diodes Incorporated D8V0X1B2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D8V0X1B2LP
Document number: DS39483 Rev. 1 - 2
2 of 5
www.diodes.com
January 2018
© Diodes Incorporated
D8V0X1B2LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
4
A
8/20µs, See Figure 3
ESD Protection
– Contact Discharge
VESD_Contact
±20
kV
IEC 61000-4-2 Standard
ESD Protection
– Air Discharge
VESD_Air
±24
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
—
—
8.0
V
—
Reverse Current (Note 6)
IR
—
—
1
uA
VR = 8.0V
Reverse Breakdown Voltage
VBR
10.0
—
—
V
IR = 1mA
Reverse Clamping Voltage, Positive Transients
VCL
—
—
15
V
IPP = 1A, tP = 8/20μs
—
—
18.5
V
IPP = 4A, tP = 8/20μs
Dynamic Resistance
RDYN
—
0.6
—
Ω
IR = 1A, tP = 8/20μs
Capacitance
CT
—
0.35
0.5
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes
’ suggested pad layout per http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com