Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MINIE-MLX Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MINIE-MLX
Description  Hardware Description
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MINIE-MLX Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MINIE-MLX Datasheet HTML 7Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 8Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 9Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 10Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 11Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 12Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 13Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 14Page - Melexis Microelectronic Systems MINIE-MLX Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Mini E-MLX
Hardware Description
Page 13 of 15
REVISION 1.0 - JUNE 21, 2017
PCB arrangement
3.2.
5
8.5
8.5
5
109
Nothing in this area
No component higher than 3mm in this area
3
CY68013
USB
Xilinx
PQ208
as7c
31026b
as7c
31026b
as7c
31026b
lp
39
61
lp
39
61
opa
547
opa
547
opa
547
LM
25
87
Mini
DIN9
Mini
DIN8
240
2
Max
521
TH
80
Dimensions are in millimeters
C101, C102, C103
C601, C604
Ø 5.1 : No component here
Ø 1 : Hole
Led
PCB top
USB
Mini-Din 8
4.6
20.8
PCB bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com