Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90380 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90380
Description  Triaxis짰 Resolver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90380 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90380 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90380 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MLX90380 - Triaxis® Resolver
Datasheet
Page 21 of 28
REVISION 10 – 25 APRIL 2018
3901090380
13.2.2. Application Diagram VDD5V
GND A
GND A
OUT1 A
VSS A
VSS B
VDD3V3 B
VDD3V3 A
OUT1 A
OUT1 B
TEST A
NC
TEST B
OUT2 B
OUT2 A
VDD5V A
VDD5V B
NC
NC
NC
C5
2.2nF
C4
100nF
C6
2.2nF
C2
2.2nF
C1
100nF
C3
2.2nF
VDD
A
VDD5V A
GND A
OUT2 A
GND A
GND B
GND B
OUT1 B
VDD
B
VDD5V B
GND B
OUT2 B
GND B
GND A
GND A
GND A
GND A
GND B
GND B
GND B
GND B
Figure 15: Application Diagram VDD5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com