Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90621 Datasheet(PDF) 30 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 30 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 27Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 28Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 29Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 30 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Device modes
9.3.
The device can operate in following modes:
•
Normal mode
•
Step mode
•
Power saving mode
Normal mode
9.3.1.
In this mode the measurements are constantly running. Depending on the selected frame rate Fps in the
configuration register, the data for IR pixels and Ta will be updated in the RAM each 1/Fps seconds. In this mode the
external microcontroller has full access to the internal registers and memories of the device (both for 90670 and the
EEPROM chip).
Step mode
9.3.2.
This mode is foreseen for single measurements triggered by an external device (microcontroller). Entering this mode
is possible by writing the appropriate code in the configuration register. A measurement is triggered by sending the
command StartMeas (see 9.4.1). On detecting the command, the Mlx90621 will start the measurements
immediately after the I
2C session is finished (STOP condition detected).
The measurement time is
3Ɉ‰
While the Step mode measurement is ongoing all ‘start new measurement in step mode’ commands will be
acknowledged but not executed. All other valid commands are executed accordingly.
A flag bit in Configuration register (bit 0x09) is dedicated in order to be able to check whenever the measurement is
done.
Figure 21 Write configuration register (SA = 0x60, command LSByte = 0x01 command MSByte = 0x08)
Power saving mode
9.3.3.
In this mode the device will be completely shut down and the current consumption will be minimized to less than
6µA. Entering this mode is initiated by writing ‘1’ in the configuration register bit 7. Upon receiving it the device will
shut down all electronics, including the internal oscillator. The chip will monitor the I
2C line. Each START condition
will wake up the oscillator and the chip will receive and evaluate the slave address. If the address is 0x60 (address
programmed in Mlx90621) the device will evaluate the whole command and will execute it. If not, the oscillator will
be switched off again.
SCL
SDA
1
0
1
0
0
0
0
A
0
0
0 0
0 0
1 A
S
A
P
0
Slave address
Command
0
0
0
0 1
0 0
0
Start Meas
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com