Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90818 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90818
Description  Absolute Pressure Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90818 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90818 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90818 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
MLX90818
Absolute Pressure Sensor
Page 21 of 37
REVISION 002 – 8 DECEMBER 2017
3901090818
#
Type
ID
Description
Data
Rep
0
RAM
0x01
Diagnostic codes
Error_flags (See chapter 0 Diagnostics)
Y
1
EEPROM 0x03
Sensor Type
Configurable 0 to 15
N
2
EEPROM 0x04
Configuration code
Configurable 0 to 4095
N
3
EEPROM 0x05
Manufacturer Code
Configurable 0 to 4095
N
4
RAM
0x06
SENT revision
Selectable by bit in EEPROM
Data = 3 or 4
N
5
RAM
0x07
Fast channel 1
Characteristic X1
Fast channel 1 Characteristic Configuration
Enable / disable shared with MID08
N
6
RAM
0x08
Fast channel 1
Characteristic X2
Fast channel 1 Characteristic Configuration
Enable / disable shared with MID07
N
7
EEPROM 0xYZ
Fully Programmable
message 0
Programmable ID: 8 bit
Programmable Data: 12 bit
N
8
RAM
0x23
Internal Temperature
According to default linear temperature transfer
characteristic in SAE J2716 standard
Y
9
RAM
0x09
Fast channel 1
Characteristic Y1
Fast channel 1 Characteristic Configuration
Enable / disable shared with MID0A
N
10 RAM
0x0A Fast channel 1
Characteristic Y2
Fast channel 1 Characteristic Configuration
Enable / disable shared with MID09
N
11 ROM
0x0B
Fast channel 2
Characteristic X1
If FC2 is pressure (FC_CFG = 0): ID0B = ID07
If FC2is temperature (FC_CFG = 2 or 3):
Default temperature Characteristic X1: Fixed
value: 233
Enable / disable shared with MID0C / 0D / 0E
N
12 ROM
0x0C
Fast channel 2
Characteristic X2
If FC2 is pressure (FC_CFG = 0): ID0C = ID08
If FC2is temperature (FC_CFG = 2 or 3):
Default temperature Characteristic X2: Fixed
value: 423
Enable / disable shared with MID0B / 0D / 0E
N
13 ROM
0x0D Fast channel 2
Characteristic Y1
If FC2 is pressure (FC_CFG = 0): ID0D = ID09
If FC2is temperature (FC_CFG = 2 or 3):
Default temperature Characteristic Y1: Fixed
value: 264
Enable / disable shared with MID0B / 0C / 0E
N
14 ROM
0x0E
Fast channel 2
Characteristic Y2
If FC2 is pressure (FC_CFG = 0): ID0E = ID0A
If FC2is temperature (FC_CFG = 2 or 3):
Default temperature Characteristic Y2: Fixed
value: 1784
Enable / disable shared with MID0B / 0C / 0D
N
15 EEPROM 0x29
Sensor ID #1
Programmable Data: 12 bit
Enable / disable shared with MID2A / 2B / 2C
N
16 EEPROM 0xYZ
Fully Programmable
message 1
Programmable ID: 8 bit
Programmable Data: 12 bit
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com