Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS310 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS310
Description  Surface Mount Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS310 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS310 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS310 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.trr-jx.com
version: 02
Maximum Ratings and Electrical Characteristics Rating at 25 oC
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%
Features
●
Low profile package
●
Ideal for automated placement
●
Fast switching for high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
body
@T =100
0.55
0.85
0.7
3200
3150
310
38
36
345
34
32
12
(Note3)
J
C J
5
10
0.05
L
STG
@T =100
@T =25
RRM
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
℃
3.0
A
Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
80
A
Forward Voltage
@IF=3.0A
VFM
0.92
V
Peak Reverse Current
℃
IR
0.1
mA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance
pF
Operating Temperature Range
T
-55 to+150
℃
Storage Temperature Range
T
-55 to +150
℃
(Note 1)
A
A
45
31
45
SS
SS
SS
140
105
20
40
60
80
14
28
42
56
20
40
60
80
70
200
150
100
100
150
200
SS
SS
SS
SS
SS
℃/W
JA
(Note2)
Rθ
70
Typical Thermal Resistance per leg
Rating for fusing (t <8.3ms)
I
2
t
26.56
A s
2
I
2
t
2.
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.Thermal Resistance from Junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper pad areas.
Surface Mount Schottky Rectifiers
SS32 THRU SS3200


Similar Part No. - SS310

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS310 TSC-SS310 Datasheet
57Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SS310 TSC-SS310 Datasheet
142Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS310 DAESAN-SS310 Datasheet
289Kb / 2P
CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS310 BILIN-SS310 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS310 TAITRON-SS310 Datasheet
200Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS310

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com