Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5577 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5577
Description  Ultrahigh-Definition Color Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5577 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5577 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5577 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5577 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5577 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5577
No.6281–3/4
10
1.0
7
7
5
3
2
7
5
3
2
0.1
--10
--0.1
73
25
7
3
25
7
--1.0
tstg
tf
1.0
7
5
3
2
7
5
7
5
3
2
0.1
10
0.1
73
25
7
3
23
2
57
1.0
SW Time -- IC
IT00805
IT00806
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
tstg
tf
SW Time -- IB2
VCC=200V
IC=8A
IB1=1.6A
R load
Collector Current, IC –A
Base Current, IB2 –A
150
0
140
200
50
100
20
060
40
80
100
140
120
160
PC -- Tc
IT00810
4.0
0
3.5
3.0
2.0
1.0
20
060
40
80
100
140
120
160
PC -- Ta
IT00809
F.B A S O
R.B A S O
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
0.1
7
5
3
2
10
25
37
100
25
37
1000
22
5
37
ICP
ICP
P
C =140W
IC
Tc=25
°C
Single pulse
IT00807
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
0.1
100
1000
23
2
5
37
L=500
µH
IB2=--3A
Tc=25
°C
Single pulse
IT00808
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C
No
heat
sink
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com