Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HEMC2-SC-VL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HEMC2-SC-VL
Description  Media Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEMC2-SC-VL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HEMC2-SC-VL Datasheet HTML 1Page - List of Unclassifed Manufacturers HEMC2-SC-VL Datasheet HTML 2Page - List of Unclassifed Manufacturers HEMC2-SC-VL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The HEMC2 industrial Ethernet media converters are designed to provide reliable and robust 10/100BaseT(X) to 100BaseFX media conver-
sion in harsh industrial environment. The HEMC2’s intensified design guarantees the uninterrupted operations of your industrial automation
allocations. HEMC2 series of media converters are equipped with exceptional DIP switch features where LFP, store-and-forward, auto-
negotiation, etc, are all available for selection (Please refer to the below table) . All HEMC2 models are subject to a 100% burn-in test, and
are available for models that support a standard operating temperature range from -10˚C to 60˚C , and an extended operating temperature
range from -40˚C to +75˚C.
Introduction
Tel: 860-487-9869
www.henrich-inc.com
HEMC2 Series HE0001DU1007ds - 2/3
©2013 Henrich Corporation. All rights reserved
Specifications
Technology
Standard :
IEEE802.3, 802.3u, 802.3x
Processing Type :
Store and forward
Broadcast Storm :
Automatic Broadcast Storm Control
Flow Control :
Full Duplex Flow Control, Half Duplex
Back Pressure Control
Protocols :
CSMA/CD (Carrier Sense Multiple
Access/Collision Direct)
Switch Properties
MAC Table Size :
1K
Interface
RJ45 Port :
10/100BaseT(X) auto negotiation
speed, Full/Half duplex mode, and auto
MDI/MDI-X connection
Optical Ports :
100BaseFX ports (SC/ST/LC connector)
LED Indicators :
Power, Port Status, 10/100M
Power Requirements
Input Voltage :
12~36VDC @ 3.5W MAX
10~24VAC @ 3.5VA MAX
Input Connection :
Standard four terminal power input
Physical Characteristics
Case :
Slim Metal Case, IP30 Design
Dimensions :
25×102.5×75mm
Installation :
DIN Rail or Panel Mounting
Standards and Certifications
EMI :
FCC Part15, CISPR(EN55022) Class A
EMS :
EN61000-4-2(ESD) Level 3,
EN61000-4-3(RS) Level 3,
EN61000-4-4(EFT) Level 3,
EN61000-4-5(Surge) Level 3,
EN61000-4-6(CS) Level 3,
EN61000-6-2
Shock :
IEC 60068-2-27
Freefall :
IEC 60068-2-32
Vibration :
IEC 60068-2-6
Warranty
Warranty Period :
3 years
Environment Limits
Operating Temp. :
Standard Models: -10 to 60˚C
Wide Temp. Models: -40 to 75˚C
Storage Temp. :
-40 to 85˚C
Ambient Relative
Humidity :
5 to 95%(Non-condensing)
Optical Fiber
Mode
Multi-mode
Single Mode
Transmission
Distance
2km
20km
Centre
Wavelength
1310nm
1310nm
Cable
Size
62.5/125um
9/125um
TX
Power(dBm)
-20~-10dBm
-15~-8dBm
RX
Power(dBm)
< -32dBm
< -32dBm
Transmission Rate
100Mbps
100Mbps
Toggle Switch
Series No. Function
On
Off
1
LEP Enabled
Enable LFP
Close LFP
2
Select Forward-
mode
Forward
Directly
Store and
Forward
3
Auto-negotiation
Enabled
Close
Enable
4
Select RJ45
interface rate
10Mbps
100Mbps
5
RJ45 full duplex
mode
Half duplex
Full duplex
6
Optical duplex
mode
Half duplex
Full duplex



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com