Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HEMC2-SC-VLW Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HEMC2-SC-VLW
Description  Media Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEMC2-SC-VLW Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HEMC2-SC-VLW Datasheet HTML 1Page - List of Unclassifed Manufacturers HEMC2-SC-VLW Datasheet HTML 2Page - List of Unclassifed Manufacturers HEMC2-SC-VLW Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
HEMC2
HEMC2-SC-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Multi-Mode Fiber Port with SC
Connector, 2KM, With Dip Switch Configurations, Industrial Temperature -10°C to +60°C, Power Input
12~36VDC or 10~24VAC
HEMC2-SC-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Multi-Mode Fiber Port with SC
Connector, 2KM, With Dip Switch Configurations, Industrial Wide Temperature-40°C to +75°C, Power
Input 12~36VDC or 10~24VAC
HEMC2-SSC-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode Fiber Port with SC
Connector, 20KM, With Dip Switch Configurations, Industrial Temperature -10°C to +60°C, Power Input
12~36VDC or 10~24VAC
HEMC2-SSC-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode Fiber Port with SC
Connector, 20KM, With Dip Switch Configurations, Industrial Wide Temperature-40°C to +75°C, Power
Input 12~36VDC or 10~24VAC
HEMC2-ST-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Multi-Mode Fiber Port with ST
Connector, 2KM, With Dip Switch Configurations, Industrial Temperature -10°C to +60°C, Power Input
12~36VDC or 10~24VAC
HEMC2-ST-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Multi-Mode Fiber Port with ST
Connector, 2KM, With Dip Switch Configurations, Industrial Wide Temperature-40°C to +75°C, Power
Input 12~36VDC or 10~24VAC
HEMC2-SST-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode Fiber Port with ST
Connector, 20KM, With Dip Switch Configurations, Industrial Temperature -10°C to +60°C, Power Input
12~36VDC or 10~24VAC
HEMC2-SST-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode Fiber Port with ST
Connector, 20KM, With Dip Switch Configurations, Industrial Wide Temperature-40°C to +75°C, Power
Input 12~36VDC or 10~24VAC
HEMC2-LC-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Multi-Mode Fiber Port with LC
Connector, 2KM, With Dip Switch Configurations, Industrial Temperature -10°C to +60°C, Power Input
12~36VDC or 10~24VAC
HEMC2-LC-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Multi-Mode Fiber Port with LC
Connector, 2KM, With Dip Switch Configurations, Industrial Wide Temperature-40°C to +75°C, Power
Input 12~36VDC or 10~24VAC
HEMC2-SLC-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode Fiber Port with LC
Connector, 20KM, With Dip Switch Configurations, Industrial Temperature -10°C to +60°C, Power Input
12~36VDC or 10~24VAC
HEMC2-SLC-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode Fiber Port with LC
Connector, 20KM, With Dip Switch Configurations, Industrial Wide Temperature-40°C to +75°C, Power
Input 12~36VDC or 10~24VAC
HEMC2-SFC35-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode-Single-Fiber Fiber
Port with FC Connectors, 20KM, TX1310nm, RX1550nm, With Dip Switch Configurations, Industrial
Temperature -10°C to +60°C, Power Input 12~36VDC or 10~24VAC
HEMC2-SFC35-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode-Single-Fiber Fiber
Port with FC Connectors, 20KM, TX1310nm, RX1550nm, With Dip Switch Configurations, Industrial
Temperature -40°C to +75°C, Power Input 12~36VDC or 10~24VAC
HEMC2-SFC53-VL
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode-Single-Fiber Fiber
Port with FC Connectors, 20KM, TX1550nm, RX1310nm, With Dip Switch Configurations, Industrial
Temperature -10°C to +60°C, Power Input 12~36VDC or 10~24VAC
HEMC2-SFC53-VLW
Ethernet Media Converters, 1 x 100Mbps Copper Port, 1 x 100Mbps Single-Mode-Single-Fiber Fiber
Port with FC Connectors, 20KM, TX1550nm, RX1310nm, With Dip Switch Configurations, Industrial
Temperature -40°C to +75°C, Power Input 12~36VDC or 10~24VAC
Tel: 860-487-9869
www.henrich-inc.com
HEMC2 Series HE0001DU1007ds - 3/3
©2013 Henrich Corporation. All rights reserved



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com