Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HEMC3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HEMC3
Description  Media Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEMC3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HEMC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEMC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEMC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The HEMC3 industrial media converters provide industrial grade media conversion between 10/100BaseT(X) and 100BaseFX (SC/ST con-
nectors). The HEMC3’s reliable industrial design is excellent for keeping your industrial automation applications running continuously, and
each HEMC3 converter comes with a relay output warning alarm to help prevent damage and loss. The HEMC3 media converters are de-
signed for harsh industrial environments, such as in hazardous locations, and comply with FCC, and CE standards. The HEMC3 series is
available for models that support an operating temperature from -10 to 60
˚C, and an extended operating temperature from -40 to +75˚C. All
HEMC3 series are subject to a 100% burn-in test.
Introduction
Tel: 860-487-9869
www.henrich-inc.com
HEMC3 Series HE0001DU1008ds - 2/3
©2013 Henrich Corporation. All rights reserved
Specifications
Technology
Standard :
IEEE802.3, 802.3u, 802.3x
Processing Type :
Store and forward
Broadcast Storm :
Automatic Broadcast Storm Control
Flow Control :
Full Duplex Flow Control, Half Duplex
Back Pressure Control
Protocols :
CSMA/CD (Carrier Sense Multiple
Access/Collision Direct)
Switch Properties
MAC Table Size :
1K
Interface
RJ45 Port :
10/100BaseT(X) auto negotiation
speed, Full/Half duplex mode, and auto
MDI/MDI-X connection
Optical Ports :
100BaseFX ports (SC/ST/LC connector)
LED Indicators :
Power, Port Status, 10/100M
Power Requirements
Input Voltage :
12~36VDC @ 3.5W MAX
10~24VAC @ 3.5VA MAX
Input Connection :
Standard four terminal power input
Physical Characteristics
Case :
Slim Metal Case, IP30 Design
Dimensions :
29×89×85.6mm
Installation :
DIN Rail or Panel Mounting
Standards and Certifications
EMI :
FCC Part15, CISPR(EN55022) Class A
EMS :
EN61000-4-2(ESD) Level 3,
EN61000-4-3(RS) Level 3,
EN61000-4-4(EFT) Level 3,
EN61000-4-5(Surge) Level 3,
EN61000-4-6(CS) Level 3,
EN61000-6-2
Shock :
IEC 60068-2-27
Freefall :
IEC 60068-2-32
Vibration :
IEC 60068-2-6
Warranty
Warranty Period :
3 years
Environment Limits
Operating Temp. :
Standard Models: -10 to 60˚C
Wide Temp. Models: -40 to 75˚C
Storage Temp. :
-40 to 85˚C
Ambient Relative
Humidity :
5 to 95%(Non-condensing)
Optical Fiber
Mode
Multi-mode
Single Mode
Transmission
Distance
2km
20km
Centre
Wavelength
1310nm
1310nm
Cable
Size
62.5/125um
9/125um
TX
Power(dBm)
-20~-10dBm
-15~-8dBm
RX
Power(dBm)
< -32dBm
< -32dBm
Transmission Rate
100Mbps
100Mbps



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com