Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HES10GM-2SFP-VL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HES10GM-2SFP-VL
Description  10G-Port Din-rail Full Gigabit Managed Ethernet Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HES10GM-2SFP-VL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HES10GM-2SFP-VL Datasheet HTML 1Page - List of Unclassifed Manufacturers HES10GM-2SFP-VL Datasheet HTML 2Page - List of Unclassifed Manufacturers HES10GM-2SFP-VL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The HES10GM series is equipped with 8 Gigabit Ports, making it ideal for upgrading an existing network to Gigabit speed or building a new full
Gigabit backbone. Gigabit transmission increases bandwidth for higher performance and transfers large amounts of triple-play services across
a network quickly. Redundant Ethernet RingOpen, RingOn, RSTP, and MSTP increase system reliability and the availability of your network
backbone. The HES10GM series is designed especially for communication demanding applications, such as video and process monitoring, ITS,
and DCS systems, all of which can benefit from a scalable backbone construction.
Introduction
Tel: 860-487-9869
www.henrich-inc.com
HES10GM Series HE0001DU1023ds - 2/3
©2013 Henrich Corporation. All rights reserved
Specifications
Technology
Standard :
IEEE802.3, 802.3u, 802.3x, 802.3z
Flow Control :
IEEE802.3x flow control, back pressure
flow control
Protocols :
IGMP Snooping, GMRP, SNMPv1/v2c/
v3, DHCP Client, HTTP, HTTPS, Telnet,
NTP Client
Software functions :
L2 Functions
• IEEE 802.1Q Static VLAN and VLAN
Label
• Link Layer Management Protocol
(LLDP)
• IEEE 802.1w Rapid Spanning Tree
Protocol (RSTP)
• IGMP SNOOPING
• RingOn™ Redundant Technology,
recovery time <15ms
• RingOpen Redundancy
Management Tools
• Web Interface (HTTP and HTTPS)
• Console port and Command Line
Interface(CLI) controlled by SSHv2
• SNMPv1/v2c/v3
• Flexible configuration and log file
management
• Managing local file through HTTP,
FTP and TFTP
• Syslog(System log file and remote
syslog server)
• SNTP(NTP Client)
• Software Online Upgrading
Switch Properties
MAC Table Size :
16K
Priority Queues :
8
Max. Number VLANs : 64
VLAN ID Range :
VID 1 to 4094
IGMP Groups :
256
Environment Limits
Operating Temp. :
Standard Models: -10 to 60˚C
Wide Temp. Models: -40 to 75˚C
Storage Temp. :
-40 to 85˚C
Ambient Relative
Humidity :
5 to 95%(Non-condensing)
Interface
Fiber Port :
1000M Gigabit SFP slots.
LED Indicators :
Power, Port Status, 10/100/1000M
Output Warning :
Relay, Standard 2 Pin @30V
Console Port :
RS-232 (RJ45 connector)
Standards and Certifications
EMI :
FCC Part15, CISPR(EN55022) Class A
EMS :
EN61000-4-2(ESD) Level 3,
EN61000-4-3(RS) Level 3,
EN61000-4-4(EFT) Level 3,
EN61000-4-5(Surge) Level 3,
EN61000-4-6(CS) Level 3,
EN61000-6-2
Shock :
IEC 60068-2-27
Freefall :
IEC 60068-2-32
Vibration :
IEC 60068-2-6
Warranty
Warranty Period :
3 years
Power Requirements
Input Voltage :
12~36VDC @ 24W MAX
10~24VAC @ 24VA MAX
Input Connection :
Grid panel terminal blocks
Standard 4 pin input connection
(optional)
Physical Characteristics
Case :
Slim Metal Case, IP30 Design
Dimensions :
64.2×183.1×155.1mm
Installation :
DIN Rail or Panel Mounting



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com