Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9554BCPZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9554BCPZ
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554BCPZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9554BCPZ Datasheet HTML 53Page - Analog Devices AD9554BCPZ Datasheet HTML 54Page - Analog Devices AD9554BCPZ Datasheet HTML 55Page - Analog Devices AD9554BCPZ Datasheet HTML 56Page - Analog Devices AD9554BCPZ Datasheet HTML 57Page - Analog Devices AD9554BCPZ Datasheet HTML 58Page - Analog Devices AD9554BCPZ Datasheet HTML 59Page - Analog Devices AD9554BCPZ Datasheet HTML 60Page - Analog Devices AD9554BCPZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 57 of 116
POWER SUPPLY PARTITIONS
The AD9554 power supplies are in two groups: VDD and
VDD_SP. All power and ground pins must be connected,
even if certain blocks of the chip are powered down.
VDD SUPPLIES
All of the VDD supplies can be connected to one common
source that is either 1.5 V or 1.8 V.
Place the 0.1 μF bypass capacitors as close as possible to each
power supply pin.
In addition to these bypass capacitors, the AD9554 evaluation
board uses eight ferrite beads between the 1.8 V (or 1.5 V) source
and Pin 2, Pin 17, Pin 20, Pin 35, Pin 38, Pin 53, Pin 56, and Pin 71.
Although these ferrite beads may not be needed for every
application, the use of these ferrite beads is strongly recommended.
At a minimum, include a place for the ferrite beads (as close to
the bypass capacitors as possible) and populate the board with
0402, 0 Ω resistors. By doing so, there is a place for the ferrite
beads, if needed.
The ferrite beads are required if the AD9554 is powered directly
from a switching power supply.
Ferrite beads with low (<0.7 Ω) dc resistance and approximately
30 Ω impedance at 100 MHz are suitable for this application.
For example, the Murata BLM15AX300SN1D is suitable.
VDD_SP SUPPLY
Pin 30 (VDD_SP) is the serial port power supply pin and can be
connected to a 2.5 V, 1.8 V, or 1.5 V power supply.
If the user needs to operate the serial port at the same voltage as
the device itself, VDD_SP can be joined to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com