Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IK2802 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IK2802
Description  HIGH-POWER LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK2802 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IK2802 Datasheet HTML 1Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 2Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 3Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 4Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 5Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 6Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 7Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 8Page - IK Semicon Co., Ltd IK2802 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TECHNICAL DATA
1
2011, February Ver. 03
Small Outline Package
ESOP8
HIGH-POWER LED DRIVER
FEATURES
 2 constant-current output channels
 Constant output current invariant to load voltage
change
 Maximum output constant current per channel:
360 mA
 Thermal protection and flag
 Output current adjusted through an external resis-
tor
 Schmitt trigger input
 5V supply voltage
 Package type: Pb-free package with thermal pad
ORDERING INFORMATION
Device
Operating Tempera-
ture Range
Package
Shipping
IK2802DT
ТА = - 40 ... + 85 С
ESOP-8
Tape& Reel
Current Accuracy
Conditions
Between Channels
Between ICs
<±3%
<±6%
IOUT = 40mA ~ 360 mA
@ VDS= 0.6V
PRODUCT DESCRIPTION
IK2802 is an instant On/Off LED driver for high power LED applications and exploits to enhance its
output characteristics.
IK2802 provides users with 2-channel constant current ports. Users may adjust the output current up
to 360 mA through an external resistor, Rext, which gives users flexibility in controlling the light intensity of
LEDs. Also, users can precisely adjust LED brightness from 0% to 100% via output control with Pulse Width
Modulation. Alternatively, IK2802 provides one-step current adjustment to make 25% of the output current
via enabling the quarter pin (QT) as “Low”.
Additionally, to ensure the system reliability, IK2802 is built with Thermal Protection (TP) function and
thermal pad. The TP function protects IC from over temperature (165°C). Also, the thermal pad enhances
the power dissipation. As a result, a large amount of current can be sunk safely in one package.
APPLICATIONS
 High-flux LED lighting
 Automotive interior lighting
IK2802


Similar Part No. - IK2802

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2802D IKSEMICON-IK2802D Datasheet
348Kb / 13P
Thermal protection and flag
More results

Similar Description - IK2802

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
High Power LED Driver
December 17, 2007
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
High power LED driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
HIGH POWER LED DRIVER
logo
LDT Co., Ltd
LD1611 LDT-LD1611 Datasheet
352Kb / 13P
High Power LED Driver
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
HIGH POWER LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com