Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPM3.3-3.0 Datasheet(PDF) 5 Page - Recom International Power

Part # RPM3.3-3.0
Description  3 Amp Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPM3.3-3.0 Datasheet(HTML) 5 Page - Recom International Power

  RPM3.3-3.0 Datasheet HTML 1Page - Recom International Power RPM3.3-3.0 Datasheet HTML 2Page - Recom International Power RPM3.3-3.0 Datasheet HTML 3Page - Recom International Power RPM3.3-3.0 Datasheet HTML 4Page - Recom International Power RPM3.3-3.0 Datasheet HTML 5Page - Recom International Power RPM3.3-3.0 Datasheet HTML 6Page - Recom International Power RPM3.3-3.0 Datasheet HTML 7Page - Recom International Power RPM3.3-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.recom-power.com
REV.: 0/2018
RPM-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPM-3.0
Series
V
in
SEQ
GND1
GND3
GND2
NC
Trim
PGood
Sense
V
out
V
in
V
out
V
in
V
out
CTRL
C1
V
in
V
out(1)
V
out(n)
V
out(n+1)
C2
RPM(1)
RPM(n)
RPM(n+1)
C3
CTRL
SEQ
GND1
GND3
GND2
NC
Trim
PGood
Sense
CTRL
C4
V
in
C5
C6
SEQ
GND1
GND3
GND2
NC
Trim
PGood
Sense
CTRL
C7
V
in
C8
C9
FB1
FB2
FB3
FB5
FB6
FB4
V
in
SEQ
GND1
GND3
GND2
NC
Trim
PGood
Sense
V
out
V
in
V
out
V
in
V
out
CTRL
C1
C2
CSS
CTRL
V
in
V
in
V
in
V
out(n+1)
V
out(n)
V
out(1)
C3
SEQ
GND1
GND3
GND2
NC
Trim
PGood
Sense
CTRL
C4
C5
C6
SEQ
GND1
GND3
GND2
NC
Trim
PGood
Sense
CTRL
C7
C8
C9
FB1
FB2
FB3
FB4
FB5
FB6
RPM(n)
RPM(n+1)
RPM(1)
To sequence multiple converters to start at the same time (set output voltage is reached at the same time), the following schematic may be used:
To sequence multiple power module start-up times the power good (PGood) pin and the CTRL pin may be used. In below schematic,
the RPM(n) starts after RPM(1) reaches its set output voltage and the power good signal is set to high which then enables RPM(n).
After RPM(n) reaches its set output voltage, it enables RPM(n+1).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com