Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP180-AXAN2 Datasheet(PDF) 2 Page - Sparkle Power Inc.

Part # FSP180-AXAN2
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP180-AXAN2 Datasheet(HTML) 2 Page - Sparkle Power Inc.

  FSP180-AXAN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP180-AXAN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP180-AXAN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP180-AXAN2 Datasheet HTML 4Page - Sparkle Power Inc. FSP180-AXAN2 Datasheet HTML 5Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPARKLE POWER INC.
FSP180-AxAN2 Series AC-DC POWER SUPPLY
www.sparklepower.com
Tel: 1-408-519-8888/1-626-839-7180
E-Mail: sparkle@sparklepower.com
- 2 -
Specifications:
Model
FSP180-ABAN2
FSP180-AAAN2
FSP180-AFAN2
FSP180-AWAN2
Output
Rated Voltage
19V
24V
48V
54V
Current
0 ~ 9.47A
0 ~ 7.5A
0 ~ 3.75A
0 ~ 3.34A
Watts
180W
180W
180W
180W
Voltage Regulation
±5%
Overshoot
±10%
Dynamic Load Change
±10%
Ripple & Noise (Max.)
450mVp-p
500mVp-p
500mVp-p
600mVp-p
Turn on Time (Max.)
3Sec
Rise Time (Max.)
50ms
50ms
70ms
50ms
Hold up Time (Min.)
10ms
Efficiency (Typical)
89% ~ 90%
90% ~ 91%
92% ~ 93%
92% ~ 93%
DOE IV / CoC Tier 1
Input
Voltage Range
90 ~ 264Vac
Frequency Range
47 ~ 63Hz(±1Hz)
Current (Max.)
2.5A
2.5A
2.5A
2.5A
Inrush Current (cold start,
full load,25°C)
64.5A @100Vac
121A@240Vac
66A@110Vac
124A@240Vac
65A@110Vac
130A @240Vac
66.5A@110Vac
141A @240Vac
Leakage Current (Max.)
0.25mA at 264VAC/50Hz
No Load Power
Consumption
0.21W
Protection
Short Circuit Protection
output shut down and auto-recovery after Fault condition removed
Over Current Protection
output shut down and auto-recovery after Fault condition removed
Over Voltage Protection
output shut down at 160% of voltage and recovery after AC reset
Over Temperature
Protection
output shut down at abnormal temperature and recovery after AC reset
Safety &
Compliance
Safety Approvals
CB,UL/cUL, TUV
EMI/EMC
FCC Part 15 Class B, EMC
RoHS
2011/65/EU
Hi Pot
Input to output 1.5KV for 1 minute
Insulation Resistance
Input to Output at 500Vdc ≥20MΩ
Environment
Operating Temperature/
Humidity
0~40⁰C/20~80%
Storage Temperature/
Humidity
-20~80⁰C/10~90%
Vibration
(1)Non-operating, 0.01g2/Hz at 5Hz,slopping to 0.02g2/Hz at 20Hz,
And maintain 0.02g2/Hz from 20Hz ~ 500Hz
(2)PSD=3.13grms, 15 minutes/axis
(3)Vibration duration:15minutes
(4)Vibration waveform: Random
(5)Force Direction X,Y,Z
Other
Dimension ((L*W*H)
170 x 85 x 42.5 mm
Adapter Weight (Typical)
860g
MTBF
Above 500K hours, Telcordia SR-332 (25⁰C)
Note
Contact SPI for further information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com