Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN-C33ATN Datasheet(PDF) 3 Page - Inolux Corporation

Part # IN-C33ATN
Description  3535 UV LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

IN-C33ATN Datasheet(HTML) 3 Page - Inolux Corporation

  IN-C33ATN Datasheet HTML 1Page - Inolux Corporation IN-C33ATN Datasheet HTML 2Page - Inolux Corporation IN-C33ATN Datasheet HTML 3Page - Inolux Corporation IN-C33ATN Datasheet HTML 4Page - Inolux Corporation IN-C33ATN Datasheet HTML 5Page - Inolux Corporation IN-C33ATN Datasheet HTML 6Page - Inolux Corporation IN-C33ATN Datasheet HTML 7Page - Inolux Corporation IN-C33ATN Datasheet HTML 8Page - Inolux Corporation IN-C33ATN Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IN-C33ATN / IN-C33BTN / IN-C33CTN UV Series
3535 UV LED
Sept. 4, 2018
www.inolux-corp.com
Page 3
Inolux Corporation
Proprietary & Confidential
Absolute Maximum Rating at 25oC
Characteristics
Symbol
Min.
Typical
Max.
Unit
DC Forward Current1
IF
500
1000
mA
Pulse Current (@1/10 duty) 2
IP
1500
mA
Forward Voltage
VF
3.2
3.8
V
Reverse Voltage
VR
-5
V
Leakage Current (5V)
IR
10
μA
Junction Temperature3
Tj
150
Operating Temperature Range
Topr
-40
-
125
Storage Temperature Range
Tstg
-40
-
125
Soldering Temperature
Tsol
260
Thermal Resistance Junction / Solder Point
Rth
4.5
/W
Viewing Angle4
1/2
30/60/120
Deg
Notes:
1.
When operating at other than ambient temperature, maximum allowable current depends on derating curves.
2.
Pulse width = 0.01s & duty factor = 1/10.
3.
When operating at maximum allowable current, Tj must be below 150 ℃.
4.
Viewing angle tolerance is ± 10°.
Electrical Characteristics T
A = 25°C (Note 1)
Product
VF(V)@500mA
Viewing Angle
IR(μA)@VR=5V
min
typ
max
1/2
max
IN-C33ATN UV Series
IN-C33BTN UV Series
IN-C33CTN UV Series
3.2
---
3.8
30/60/120
10
Notes:
1. Performance guaranteed only under conditions listed in above tables.
ESD Precaution
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol above denotes that ESD precaution is needed. ESD protection for GaP and AlGaAs based chips is necessary even
though they are relatively safe in the presence of low static-electric discharge. Parts built with AlInGaP, GaN, or/and InGaN based
chips are STATIC SENSITIVE devices. ESD precaution must be taken during design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected from ESD during the process.
Please be advised that normal static precautions should be taken in the handling and assembly of this device to prevent damage or degradation which
may be induced by electrostatic discharge (ESD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com