Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTE-R38381S-S-U Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTE-R38381S-S-U
Description  IR Emitter and Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38381S-S-U Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTE-R38381S-S-U Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38381S-S-U Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38381S-S-U Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38381S-S-U Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38381S-S-U Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38381S-S-U Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Part No. : LTE-R38381S-S-U
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38381S-S-U
3. Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Rating
Unit
Power Dissipation
3.4
W
Peak Forward Current(300pps, 10µs pulse)
5
A
DC Forward Current
1
A
Reverse Voltage
5
V
Thermal Resistance Junction
10
K/W
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-55°C to + 100°C
Infrared Soldering Condition
260°C for 10 Seconds Max.
4. Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Radiant Intensity
IE
320
-
-
mW/sr
IF = 1A
Total Radiant Flux
Фe
-
935
-
mW
IF = 1A
Peak Emission Wavelength
λPeak
-
940
-
nm
IF = 1A
Spectral Line Half-Width
∆λ
-
50
-
nm
IF = 1A
Forward Voltage
VF
-
3.0
3.4
V
IF = 1A
Reverse Current
IR
-
-
10
µA
VR = 5V
Rise/Fall Time
Tr/Tf
-
30
-
ns
10%~90%
Viewing Angle
2θ1/2
-
90
-
deg
NOTE:
1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com