Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTE-R38386A-S-U Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTE-R38386A-S-U
Description  IR Emitter and Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38386A-S-U Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTE-R38386A-S-U Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
Part No. : LTE-R38386A-S-U
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38386A-S-U
Note: 1. All dimensions are in millimeters (inches).
2. Empty component pockets sealed with top cover tape.
3. 7 inch reel-600 pieces per reel.
4. The maximum number of consecutive missing parts is two.
5. In accordance with ANSI/EIA 481-1-A-1994 specifications.
8. CAUTIONS
8.1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment, communication
equipment and household applications).Consult Liteon’s Sales in advance for information on applications in which exceptional
reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as in
aviation, transportation, traffic control equipment, medical and life support systems and safety devices).
8.2. Storage
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The storage ambient for the LEDs should not exceed 30°C temperature or 60% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week hrs.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed container with
appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than one week hrs should be baked at about 60 deg C for at least 20
hours before solder assembly.
8.3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com