Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46C63 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46C63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46C63 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
17
May 17, 2004
Timer/Event Counter
A timer/event counter is implemented in the device. The
timer/event counter contains a 16-bit programmable
count-up counter and the clock may come from an ex-
ternal source or the internal clock source.
The internal clock source is the system clock divided by
4: fSYS/4. The external clock input allows the user to
count external events, measure time intervals or pulse
widths, or to generate an accurate time base.
There are 3 registers related to timer/event counter;
TMRH(0CH), TMRL(0DH), TMRC(0EH). Writing TMRL
only stores the data into a low byte buffer, and writing
TMRH will put the written data and the low contents of
low byte buffer to preload register (16 bits) simulta-
neously. The timer/event counter preload register is
changed by writing TMRH operations and writing TMRL
will keep the timer/event counter preload register un-
changed.
Reading TMRH will also latch the TMRL into the low
byte buffer to avoid the false timing problem. Reading
TMRL returns the contents of the low byte buffer. In
other words, the low byte of timer/event counter cannot
be read directly. It has to read the TMRH first to make
the low byte contents of timer/event counter latched into
the buffer. The TMRC is the timer/event counter control
register, which defines the operating mode, counting en-
able or disable and active edge.
The TM0, TM1 bits define the operating mode. The
event count mode is used to count external events,
which means the clock source comes from an external
(TMR) pin. The timer mode functions as a normal timer
with the clock source coming from fSYS/4. The pulse
width measurement mode can be used to count the high
or low level duration of the external signal (TMR). The
counting is based on fSYS/4.
In the event count or timer mode, once the timer/event
counter starts counting, it will count from the current
contents in the timer/event counter to FFFFH. Once
overflow occurs, the counter is reloaded from the
timer/event counter preload register and generates the
corresponding interrupt request flag (TF; bit 6 of INTC0)
at the same time.
In pulse width measurement mode with the TON and TE
bits are equal to one, once the TMR has received a tran-
sition from low to high (or high to low if the TE bit is 0) it
will start counting until the TMR returns to the original
level and reset the TON. The measured result will re-
main in the timer/event counter even if the activated
transition occurs again. In other words, only one cycle
measurement can be done. Until setting the TON, the
cycle measurement will function again as long as it re-
ceives further transition pulse. Note that, in this operat-
ing mode, the timer/event counter starts counting not
according to the logic level but according to the transi-
tion edges. In the case of counter overflows, the counter
is reloaded from the timer/event counter preload regis-
ter and issues the interrupt request just like the other two
modes.
To enable the counting operation, the timer ON bit (TON;
bit 4 of TMRC) should be set to 1. In the pulse width
measurement mode, the TON will be cleared automati-
cally after the measurement cycle is complete. But in the
other two modes the TON can only be reset by instruc-
tions. The overflow of the timer/event counter is one of
the wake-up sources. No matter what the operation
mode is, writinga0toETIcan disabled the correspond-
ing interrupt service.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register will also
load the data to timer/event counter. But if the
timer/event counter is turned on, data written to the
timer/event counter will only be kept in the timer/event
counter preload register. The timer/event counter will
still operate until the overflow occurs (a timer/event
counter reloading will occur at the same time).
T M 1
T M 0
T M R
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
1 6 - B i t
T i m e r / e v e n t C o u n t e r
P r e l o a d R e g i s t e r
8 - B i t
L o w B y t e B u f f e r
D a t a B u s
R e l o a d
f S Y S / 4
1 6 - B i t
T i m e r / e v e n t C o u n t e r
( T M R H , T M R L )
O v e r f l o w t o I n t e r r u p t
Timer/Event Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com