Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEP1519HF-330M Datasheet(PDF) 2 Page - Sumida Corporation

Part # DEP1519HF-330M
Description  PIN Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

DEP1519HF-330M Datasheet(HTML) 2 Page - Sumida Corporation

  DEP1519HF-330M Datasheet HTML 1Page - Sumida Corporation DEP1519HF-330M Datasheet HTML 2Page - Sumida Corporation DEP1519HF-330M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PIN Power Inductor
DEP1519
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 3
Ver.2.0 2017.11.9
www.sumida.com
Electrical Characteristics
Part No.
Stamp
Inductance
[Within]
[
μH]
※1
D.C.R.
(
mΩ)
(at 20℃)
Max.(Typ.)
Saturation
Current (A)
(at 20℃) ※2
Max.(Typ.)
Temperature Rise
Current (A)
(at 20℃) ※3
Typ.
DEP1519HF-100M
100M
10.0±20%
16.6(13.3)
26.0(32.7)
7.8
DEP1519HF-150M
150M
15.0±20%
16.6(13.3)
18.8(23.5)
7.8
DEP1519HF-220M
220M
22.0±20%
16.6(13.3)
13.2(16.5)
7.8
DEP1519HF-330M
330M
33.0±20%
16.6(13.3)
9.4(11.8)
7.8
※1 Measuring condition at 1kHz 1V.
※2 The saturation current: the value of DC current when the inductance decreases to 75% of its initial value.
※3 The temperature rise current: This indicates the typical value of DC current when the temperature rise is
△T=40℃.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com