Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3501TLX-21 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3501TLX-21
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3501TLX-21 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3501TLX-21 Datasheet HTML 7Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 8Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 9Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 10Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 11Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 12Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 13Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 14Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Typical Performance Characteristics (Continued)
Typical V
OUT Ripple, OVP Functioning (LM3501-16)
Typical V
OUT Ripple, OVP Functioning (LM3501-21)
20065383
VOUT open circuit and equals approximately 15V DC, VIN = 3.0V
3) VOUT, 200 mV/div, AC
T = 1 ms/div
20065347
VOUT open circuit and equals approximately 20V DC, VIN = 3.0V
1) VOUT, 200 mV/div, AC
T = 400 µs/div
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com