Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M45PE20-VMP6TP Datasheet(PDF) 34 Page - STMicroelectronics

Part # M45PE20-VMP6TP
Description  2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE20-VMP6TP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M45PE20-VMP6TP Datasheet HTML 27Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 28Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 29Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 30Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 31Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 32Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 33Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 34Page - STMicroelectronics M45PE20-VMP6TP Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
M45PE20
34/35
REVISION HISTORY
Table 16. Document Revision History
Date
Version
Description of Revision
30-Apr-2003
1.0
Document written
04-Jun-2003
1.1
Description corrected of entering Hardware Protected mode (W must be driven, and
cannot be left unconnected).
04-Dec-2003
1.2
VIO(min) extended to –0.6V, tPW(typ) and tPP(typ) improved. Table of contents, warning
about exposed paddle on MLP8, and Pb-free options added. Change of naming for
VDFPN8 package
21-Apr-2004
1.3
Soldering temperature information clarified for RoHS compliant devices. Device Grade
clarified
22-Sep-2004
2.0
Document promoted to Preliminary Data. Minor wording changes. Device Grade
further clarified
08-Oct-2004
3.0
Document promoted to Mature Datasheet. No other changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com