Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPB609RA Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB609RA
Description  Reflective Object Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB609RA Datasheet(HTML) 2 Page - TT Electronics.

  OPB609RA Datasheet HTML 1Page - TT Electronics. OPB609RA Datasheet HTML 2Page - TT Electronics. OPB609RA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB609 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
07/07
Page 2 of 3
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature Range
-25° C to +85° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 seconds with soldering iron](1)
260° C(1)
Input LED
Forward DC Current
50 mA
Peak Forward Current (1 μs pulse width, 300 pps)
1 A
Reverse DC Voltage
5 V
Power Dissipation(2)
75 mW
Output Phototransistor
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Collector DC Current
50 mA
Power Dissipation(3)
75 mW
Electrical Characteristics
(TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input IR LED (see OP168 for additional information)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
10
µA
VR = 5 V
θ
Beam Divergence
-
90
-
Degree IF = 20 mA
Output Phototransistor (see OP508 for additional information)
V(BR)CE0
Collector Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter Collector Breakdown Voltage
5
-
-
v
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0
Coupled Characteristics
V CE(SAT)
Collector Emitter Saturation Voltage
-
-
0.4
V
EE = 2.0 mW/cm
2, IC = 2 mA
I C(ON)
On-State Collector Current
0.1
-
-
mA
d = 0.5” (12.7 mm)
IF = 20 mA, Vce = 5 V
I C(OFF)
Off-State Collector Current
-
-
200
nA
VCE = 5 V, IF = 20 mA
Notes:
1.
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
2.
Derate linearly 1.25 mW/
°C above 25°C.
3.
Derate linearly 1.33mW/°C above 25°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com