Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS339AM-G1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AS339AM-G1
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS339AM-G1 Datasheet(HTML) 2 Page - Diodes Incorporated

  AS339AM-G1 Datasheet HTML 1Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 2Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 3Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 4Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 5Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 6Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 7Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 8Page - Diodes Incorporated AS339AM-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AS339/339A
Document number: DS36838 Rev. 3 - 2
2 of 12
www.diodes.com
May 2018
© Diodes Incorporated
AS339/339A
Typical Applications Circuit
Basic Comparator
Driving CMOS
One Shot Multivibrator
Squarewave Oscillator
+VIN
+VREF
1/4 AS339/A
VCC
3K
VO
+
-
100K
5V
+
-
12
3
1/4 AS339/A
+VIN
+VREF
VO
1M
1M
1M
VCC
VO
10K
-
+
+VIN
100pF
0.001
F
1/4 AS339/A
100K
75pF
100K
VCC
4.3K
VO
100K
100K
-
+
VIN
1/4 AS339/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com