Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI74ALVTC16245AE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74ALVTC16245AE
Description  16-Bit BiDirectional Transceiver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVTC16245AE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ALVTC16245AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8354B
09/22/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ALVTC16245
16-Bit BiDirectional Transceiver
with3-StateOutputs
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Supply Voltage Range, VDD.......................................... –0.5V to 4.6V
Input Voltage Range, VI ................................................. -0.5V to 4.6V
Output Voltage Range, VO (3-Stated) ............................ -0.5V to 4.6V
Output Voltage Range, VO(1) (Active) ................. –0.5V to VDD +0.5V
DC Input Diode Current (IIK) VI<0V ........................................ -50mA
DC Output Diode Current (IOK)
VO<0V ................................................................................... -50mA
VO>VDD ................................................................................ +50mA
DC Output Source/Sink Current (IOH/IOL) ......................... -64/128mA
DC VDD or GND Current per Supply Pin (ICC or GND) ....... ±100mA
Storage Temperature Range, Tstg ........................... –65
°C to150°C
Recommended Operating Conditions2
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes
1. Absolute maximum of IO must be observed.
2. Unused control inputs must be held HIGH or LOW to prevent them from floating.
3 As measured between 0.8V and 2.0V, VDD = 3.0V.
.
n
i
M.
x
a
Ms
t
i
n
U
V D
D
e
g
a
tl
o
v
y
l
p
p
u
S
g
n
it
a
r
e
p
O8
.
16
.
3
V
y
l
n
O
n
o
it
n
e
t
e
R
a
t
a
D2
.
16
.
3
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
HV D
D
V
6
.
3
o
t
V
7
.
2
=0
.
2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
LV D
D
V
6
.
3
o
t
V
7
.
2
=8
.
0
VI
e
g
a
tl
o
v
t
u
p
n
I3
.
0
-6
.
3
VO
e
g
a
tl
o
v
t
u
p
t
u
O
e
t
a
t
S
e
v
it
c
A0
V D
D
e
t
a
t
S
f
f
O0
6
.
3
IO
I
n
i
t
n
e
r
r
u
c
t
u
p
t
u
O
H
O I
/ L
O
V D
D
V
6
.
3
o
t
V
0
.
3
=
V D
D
V
0
.
3
o
t
V
7
.
2
=
V D
D
V
7
.
2
o
t
V
3
.
2
=
V D
D
V
8
.
1
=
4
6
/
2
3
-
4
2
±
8
1
±
6
±
A
m
∆ /t∆v
e
t
a
r
ll
a
f
r
o
e
s
i
r
n
o
it
s
i
s
n
a
r
t
t
u
p
n
I
)
3
(
00
1V
/
s
n
TA
e
r
u
t
r
e
p
m
e
t
ri
a
-
e
e
r
f
g
n
it
a
r
e
p
O0
4
-5
8C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com