Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVSAGBC2R8 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSAGBC2R8
Description  Green PLCC4 Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSAGBC2R8 Datasheet(HTML) 3 Page - TT Electronics.

  OVSAGBC2R8 Datasheet HTML 1Page - TT Electronics. OVSAGBC2R8 Datasheet HTML 2Page - TT Electronics. OVSAGBC2R8 Datasheet HTML 3Page - TT Electronics. OVSAGBC2R8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Issue A
04/06
Page 3 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Green PLCC4 Surface Mount LED
OVSAGBC2R8
Typical Electro-Optical Characteristics Curves
Forward Current vs Forward Voltage
Relative Luminous Intensity vs Wavelength
Maximum Forward DC Current vs Ambient
Temperature
nm
Spatial Distribution
Relative Luminous Intensity vs Forward Current
mA
V
mA
%
Half Power ∆ WL = 38 nm
mA
Rth j-a=350°C/W
Rth j-s=200°C/W
50% Power Angle: 120°
Reverse Current vs. Reverse Voltage
v
µ
A
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com