Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVSASBC2R8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSASBC2R8
Description  Red PLCC4 Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSASBC2R8 Datasheet(HTML) 1 Page - TT Electronics.

  OVSASBC2R8 Datasheet HTML 1Page - TT Electronics. OVSASBC2R8 Datasheet HTML 2Page - TT Electronics. OVSASBC2R8 Datasheet HTML 3Page - TT Electronics. OVSASBC2R8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue A
04/06
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Red PLCC4 Surface Mount LED
OVSASBC2R8
x
High intensity with low power consumption
x
White PLCC4 packaged in 8 mm tape on 7” diameter reel
x
Compatible with automatic placement equipment
x
Dimensions: 3.5 x 2.8 x 1.95 mm
x
120°viewing angle
The OVSASBC2R8 is designed for wide angle, uniform light output. Its internal reflector and colorless clear lens
optimize luminous intensity and make it ideal for backlighting applications and for coupling with light guides.
Applications
x
Traffic lights
x
Signal and symbol luminaire
x
Mono-color indicators
x
Backlighting (LCD, switches, displays and illuminated advertising)
x
Interior automotive lighting (instrumentation clusters)
x
Safety marker lights (steps, exit ways)
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVSASBC2R8
AlInGaP
Red
900
Lens Color
Water Clear
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture


Similar Part No. - OVSASBC2R8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSASBC2R8 OPTEK-OVSASBC2R8 Datasheet
528Kb / 5P
Red PLCC4 Surface Mount LED
More results

Similar Description - OVSASBC2R8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAWBCR9 OPTEK-OVSAWBCR9 Datasheet
1Mb / 5P
White PLCC4 Surface Mount LED
OVSASBC2R8 OPTEK-OVSASBC2R8 Datasheet
528Kb / 5P
Red PLCC4 Surface Mount LED
OVSAWBCR4 OPTEK-OVSAWBCR4 Datasheet
509Kb / 6P
White PLCC4 Surface Mount LED
OVSAGBC2R8 OPTEK-OVSAGBC2R8 Datasheet
533Kb / 5P
Green PLCC4 Surface Mount LED
OVSAABC2R8 OPTEK-OVSAABC2R8 Datasheet
524Kb / 5P
Amber PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAABC2R8 TTELEC-OVSAABC2R8 Datasheet
354Kb / 4P
Amber PLCC4 Surface Mount LED
OVSABBC2R8 TTELEC-OVSABBC2R8 Datasheet
528Kb / 5P
Blue PLCC4 Surface Mount LED
OVSAGBC2R8 TTELEC-OVSAGBC2R8 Datasheet
195Kb / 4P
Green PLCC4 Surface Mount LED
OVSAWBCR4 TTELEC-OVSAWBCR4 Datasheet
390Kb / 6P
White PLCC4 Surface Mount LED
OVSAWBCR9 TTELEC-OVSAWBCR9 Datasheet
850Kb / 5P
White PLCC4 Surface Mount LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com